Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP5550 Datasheet HTML 15Page - National Semiconductor (TI) LP5550 Datasheet HTML 16Page - National Semiconductor (TI) LP5550 Datasheet HTML 17Page - National Semiconductor (TI) LP5550 Datasheet HTML 18Page - National Semiconductor (TI) LP5550 Datasheet HTML 19Page - National Semiconductor (TI) LP5550 Datasheet HTML 20Page - National Semiconductor (TI) LP5550 Datasheet HTML 21Page - National Semiconductor (TI) LP5550 Datasheet HTML 22Page - National Semiconductor (TI) LP5550 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Operation Description
DEVICE INFORMATION
The LP5550 is a PowerWise Interface (PWI) compliant
power management unit (PMU) for application or baseband
processors in mobile phones or other portable equipment. It
operates cooperatively with processors using National Semi-
conductor’s Advanced Power Controller (APC) to provide
Adaptive or Dynamic Voltage Scaling (AVS, DVS) which
drastically improves processor efficiencies compared to con-
ventional power delivery methods. The LP5550 consists of a
high efficiency switching DC/DC buck converter to supply the
AVS or DVS voltage domain, three LDOs for supplying the
logic, PLL, and memory, and PWI registers and logic.
OPERATION STATE DIAGRAM
The LP5550 has four operating states: Start-up, Active,
Sleep and Standby.
The Start-up state is the default state after reset. All regula-
tors are off and PWROK output is ‘0’. The device will power
up when the external enable-input is pulled high. After the
power-up sequence LP5550 enters the Active state.
In the Active state all regulators are on and PWROK-output
is ‘1’. Immediately after Start-up the output voltages are at
their default levels. LP5550 can be turned off by supplying
the Shutdown command over PWI, or by setting ENABLE
and/or RESETN to ’0’. The LP5550 can be switched to the
Sleep state by issuing the Sleep command.
In the Sleep state the core voltage regulator is off, but the
PWROK output is still ‘1’. The memory voltage regulator
(VO3) provides the programmed memory retention voltage.
LDO1 and LDO2 are on. The LP5550 can be activated from
the Sleep state by giving the Wake-up command. This re-
sumes the last programmed Active state configuration. The
device can also be switched off by giving the Shutdown
command, or by setting ENABLE and/or RESETN to ‘0’
In the Shutdown-state all output voltages are ‘0’, and
PWROK-signal is ‘0’ as well. The LP5550 can exit the
Shutdown-state if either ENABLE or RESETN is ‘0’. In either
case the device moves to the Start-up state. See the EN-
ABLE
Figure 6 shows the LP5550 state diagram. The figure as-
sumes that supply voltage to the regulator IC is in the valid
range.
20154545
FIGURE 6. LP5550 State Diagram
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com