Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP5550 Datasheet HTML 12Page - National Semiconductor (TI) LP5550 Datasheet HTML 13Page - National Semiconductor (TI) LP5550 Datasheet HTML 14Page - National Semiconductor (TI) LP5550 Datasheet HTML 15Page - National Semiconductor (TI) LP5550 Datasheet HTML 16Page - National Semiconductor (TI) LP5550 Datasheet HTML 17Page - National Semiconductor (TI) LP5550 Datasheet HTML 18Page - National Semiconductor (TI) LP5550 Datasheet HTML 19Page - National Semiconductor (TI) LP5550 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
R5-R6 - Unused Registers
Address 0x5, 0x6
Type R/W
Reset Default 8h’00
Bit
Field Name
Description or Comment
7:00
Unused
Write transactions to this register are ignored. Read transactions will
return a “No Response Frame.” A no response frame contains all
zeros (see PWI 1.0 specification).
R7 – VO2 Voltage Register (I/O Voltage)
Address 0x7
Type R/W
Reset Default 8h’78
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ‘0’. Any data written into
this bit position using the Register Write command is ignored.
6:3
Voltage
Fixed voltage value. A code of all ones indicates maximum voltage while a code
of all zero indicates minimum voltage. Default value is in bold.
Voltage Data Code [6:3]
Voltage Value (volts)
4h’0
1.5
4h’1
1.5
4h’2
1.5
4h’3
1.5
4h’4
1.6
4h’5
1.7
4h’6
1.8
4h’7
1.9
4h’8
2
4h’9
2.1
4h’A
2.2
4h’B
2.3
4h’C
2.5
4h’D
2.8
4h’E
3
4h’F
3.3 (default)
2:0
Unused
These bits are fixed to ‘0’. Reading these bits will result in a ‘000’. Any data
written into these bits using the Register Write command is ignored.
R8 – VO1 Voltage Register (PLL/Fixed Voltage)
Address 0x8
Type R/W
Reset Default 8h’28
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ’0’. Any data written into
this bit position using the Register Write command is ignored.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com