Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP5550 Datasheet HTML 10Page - National Semiconductor (TI) LP5550 Datasheet HTML 11Page - National Semiconductor (TI) LP5550 Datasheet HTML 12Page - National Semiconductor (TI) LP5550 Datasheet HTML 13Page - National Semiconductor (TI) LP5550 Datasheet HTML 14Page - National Semiconductor (TI) LP5550 Datasheet HTML 15Page - National Semiconductor (TI) LP5550 Datasheet HTML 16Page - National Semiconductor (TI) LP5550 Datasheet HTML 17Page - National Semiconductor (TI) LP5550 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LP5550 PWI Register Map (Continued)
Summary (Continued)
Register
Address
Register
Name
Register Usage
Type
Reset Default Value
7654
3
2
1
0
0xA
R10
Unused
R/W
----
-
-
-
-
0xB
R11
Unused
R/W
----
-
-
-
-
0xC
R12
Unused
R/W
----
-
-
-
-
0xD
R13
Unused
R/W
----
-
-
-
-
0xE
R14
Unused
R/W
----
-
-
-
-
0xF
R15
Reserved
R/W
----
-
-
-
-
R0 - Core Voltage Register
Address 0x0
Type R/W
Reset Default 8h’7F
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ‘0’. Any data written into
this bit position using the Register Write command is ignored.
6:0
Voltage
Core voltage value. Default value is in bold.
Voltage Data Code [7:0]
Voltage Value (V)
7h’00
0.6
7h’xx
Linear scaling
7h’7f
1.2 (default)
R1 - Unused Register
Address 0x1
Type R/W
Reset Default 8h’00
Bit
Field Name
Description or Comment
7:0
Unused
Write transactions to this register are ignored. Read transactions will
return a “No Response Frame.” A no response frame contains all
zeros (see PWI 1.0 specification).
R2 – VO3 Voltage Register (Memory Retention Voltage)
Address 0x2
Type R/W
Reset Default 8h’60
Bit
Field Name
Description or Comment
7
Sign
This bit is fixed to ‘0’. Reading this bit will result in a ‘0’. Any data written into
this bit position using the Register Write command is ignored.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com