Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP5550 Datasheet HTML 3Page - National Semiconductor (TI) LP5550 Datasheet HTML 4Page - National Semiconductor (TI) LP5550 Datasheet HTML 5Page - National Semiconductor (TI) LP5550 Datasheet HTML 6Page - National Semiconductor (TI) LP5550 Datasheet HTML 7Page - National Semiconductor (TI) LP5550 Datasheet HTML 8Page - National Semiconductor (TI) LP5550 Datasheet HTML 9Page - National Semiconductor (TI) LP5550 Datasheet HTML 10Page - National Semiconductor (TI) LP5550 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LDO3 (Memory Retention Voltage) Characteristics Unless otherwise noted, V
BAT1,2,SW ,
RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, -40 to +125˚C. (Notes 2, 7, 8) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
OUT
Recommended Output Current,
Active state
3.0V
≤ V
BAT1,2,SW
≤ 5.5V
50
mA
Recommended Output Current,
Sleep state
3.0V
≤ V
BAT1,2,SW
≤ 5.5V
5
Short Circuit Current Limit,
Active state
V
OUT =0V
230
eN
Output Voltage Noise
10Hz
≤ f ≤ 100kHz,C
OUT = 1µF
0.158
mVRMS
PSRR
Power Supply Ripple Rejection
Ratio
f = 217Hz, C
OUT = 1.0µF
36
dB
COUT
Output Capacitance
0µA
≤ I
OUT
≤ 5mA
0.7
1
2.2
µF
Output Capacitor ESR
5
500
m
Ω
Switcher (Core Voltage) Characteristics Unless otherwise noted, V
BAT1,2,SW , RESETN, ENABLE
= 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in boldface type apply over
the entire junction temperature range for operation, -40 to +125˚C. (Notes 2, 7, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
I
OUT = 1 mA, VOUT = 1.2V, 3.0V <
V
BAT1,2,SW <5.5V
1.53%
2.70% V
I
OUT = 1-300 mA, 3.0V < VBAT1,2,SW
<5.5V
-0.44%
2.70%
V
OUT Range
Programmable Output Voltage
Range
0mA
≤ I
OUT
≤ 300mA, Programming
Resolution = 4.7mV
0.6
1.2
1.2
V
∆V
OUT
Line regulation
3.0V < V
BAT1,2,SW <5.5V,
I
OUT =10mA
0.18
%/V
Load regulation
V
BAT1,2,SW = 3.6V
I
OUT = 100-300mA
0.0019
%/mA
I
Q
Quiescent current consumption I
OUT = 0mA
15
30
µA
R
DSON(P)
P-FET resistance
V
BAT1,2,SW = VGS = 3.6V
360
690
m
Ω
R
DSON(N)
N-FET resistance
V
BAT1,2,SW = VGS = 3.6V
250
660
m
Ω
I
LIM
Switch peak current limit
3.0V < V
BAT1,2,SW <5.5V
400
620
750
mA
f
OSC
Internal oscillator frequency
PWM-mode
800
1000
1360
kHz
C
OUT
Output Capacitance
0mA
≤ I
OUT
≤ 300mA
5
10
22
µF
Output Capacitor ESR
5
500
m
Ω
L
Inductor inductance
0uA
≤ I
OUT
≤ 300mA
4.7 / 10
µH
R
VFB
V
FB pin resistance to ground
150
650
k
Ω
Logic and Control Inputs Unless otherwise noted, V
BAT1,2,SW , RESETN, ENABLE = 3.6V. Typical values
and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in boldface type apply over the entire junction tem-
perature range for operation, -40 to +125˚C. (Notes 2, 7, 8, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IL
Input Low Level
ENABLE, RESETN, SPWI, SCLK
3.0V
≤ V
BAT1
≤ 5.5V
0.2
V
V
IH
Input High Level
ENABLE, RESETN 3.0V
≤ V
BAT1
≤
5.5V
2
V
V
IH_PWI
Input High Level, PWI
SPWI, SCLK, 1.5V
≤V
O2
≤ 3.3V
V
O2-0.2V
V
I
IL
Logic Input Current
ENABLE, RESETN, 0V
≤ V
BAT1
≤
5.5V
-5
5
µA
I
IL_PWI
Logic Input Current, PWI
SPWI, SCLK, 1.5V
≤ V
O2
≤ 3.3V
-5
15
µA
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com