Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092FN Datasheet(PDF) 16 Page - STMicroelectronics

Part # L3092FN
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092FN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L3092FN Datasheet HTML 12Page - STMicroelectronics L3092FN Datasheet HTML 13Page - STMicroelectronics L3092FN Datasheet HTML 14Page - STMicroelectronics L3092FN Datasheet HTML 15Page - STMicroelectronics L3092FN Datasheet HTML 16Page - STMicroelectronics L3092FN Datasheet HTML 17Page - STMicroelectronics L3092FN Datasheet HTML 18Page - STMicroelectronics L3092FN Datasheet HTML 19Page - STMicroelectronics L3092FN Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AC OPERATION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Zlx
Sending Output Impedance on TX
15
Ω
THD
Signal Distortion at 2W and 4W
Terminals
Vtx = 0dBm @ 1020Hz
0.3
%
Rl
2W Return Loss
f = 300 to 3400Hz
22
dB
Thl
Transhybrid Loss
f = 300 to 3400Hz
20log10
VR
VS
30
dB
Gs
Sending Gain
(2)
Vso = 0dBm; f = 1020Hz
–6.27
–6.02
–5.77
dB
Gsf
Sending Gain Flatness vs.
Frequency
f = 300 to 3400Hz
Respect to 1020Hz
–0.1
+0.1
dB
Gl
Sending Gain Linearity
fr = 1020Hz
Vsoref = –10dBm
Vso = +4 / –40dBm
–0.1
+0.1
dB
Gr
Receiving Gain
Vrl = 0dBm; f = 1020Hz
–0.25
+0.25
dB
Grf
Receiving Gain Flatness
f = 300 to 3400Hz
Respect to 1020Hz
–0.1
+0.1
dB
Grf
Receiving Gain Linearity
fr = 1020Hz
Vrlref = –10dBm
Vrl = +4 / –40dBm
–0.1
+0.1
dB
Np4W
Psophomet. Noise 4W - Tx
Terminals
–79
–74
dBmp
Np4W
Psophomet. at Line Terminals
–75
–70
dBmp
SVRR
Supply Voltage Rejection Ratio
Relative to VB–
f = 10Hz Vn = 100mVrms
–20
dB
f = 1KHz Vn = 100mVrms
–35
dB
f =3.4KHz Vn = 100mVrms
–30
dB
Ltc
Longitudinal to Transversal
Conversion
f = 300 to 3400Hz
I line = 30mA
ZML = 600
Ω
Tlc
Transversal to Longitudinal
Conversion
48
51
dB
Notes:
(*) 52dB using selected L3000N
(1) The datasheet certifies the electrical characteristics at 25
°C. For applications requiring operations in the standard temperature range (0°C
to 70
°C) use L3000N/L3092. If operations are required in the extended temperature range (-40°C to +85°C), use the kit L3000NT/L3092T.
(2) value optimized for programmable COMBO Hybrid Balance Filter
L3000N - L3092
16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com