Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092FN Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3092FN
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092FN Datasheet(HTML) 1 Page - STMicroelectronics

  L3092FN Datasheet HTML 1Page - STMicroelectronics L3092FN Datasheet HTML 2Page - STMicroelectronics L3092FN Datasheet HTML 3Page - STMicroelectronics L3092FN Datasheet HTML 4Page - STMicroelectronics L3092FN Datasheet HTML 5Page - STMicroelectronics L3092FN Datasheet HTML 6Page - STMicroelectronics L3092FN Datasheet HTML 7Page - STMicroelectronics L3092FN Datasheet HTML 8Page - STMicroelectronics L3092FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
L3000N
L3092
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH
FIRST AND SECOND GENERATION COMBOS
PRELIMINARY DATA
PROGRAMMABLE DC FEED RESISTANCE
AND LIMITING CURRENT (25/40/60mA)
LOW
ON-HOOK
POWER
DISSIPATION
(50mW typ)
SIGNALLING FUNCTION (off-hook/GND-Key)
QUICK OFF-HOOK DETECTION IN CVS FOR
LOW DISTORTION (< 1 %) DIAL PULSE DE-
TECTION
HYBRID FUNCTION
RINGING GENERATION WITH QUASI ZERO
OUTPUT IMPEDANCE, ZERO CROSSING IN-
JECTION (no ext. relay needed) AND RING
TRIP DETECTION
ABSOLUTELY NO NOISE INJECTED ON
ADIACENT LINES DURING RINGING SE-
QUENCE
AUTOMATIC RINGING STOP WHEN OFF-
HOOK IS DETECTED
TEST MODE ALLOWS LINE LENGHT MEAS-
UREMENT
PARALLEL LATCHED DIGITAL INTERFACE
LOW NUMBER OF EXTERNAL COMPO-
NENTS
WITH
STANDARD
TOLERANCE
ONLY : 9 1% RESISTORS AND 5 10-20% CA-
PACITORS (for 600 ohm appl.)
POSSIBILITY TO WORK ALSO WITH HIGH
COMMON MODE CURRENTS
GOOD REJECTION OF THE NOISE ON BAT-
TERY VOLTAGE (20dB at 10Hz ; 35dB at
1KHz)
INTEGRATED THERMAL PROTECTION
SURFACE MOUNT PACKAGE (PLCC28 +
PowerSO-20)
0
°CTO 70°C: L3000N/L3092
-40
°CTO +85°C: L3000NT/L3092T
DESCRIPTION
The SLIC KIT (L3000N/L3092) is a set of solid
state devices designed to integrate many of the
functions needed to interface a telephone line. It
consists of 2 integrated devices ; the L3000N line
interface circuit and the L3092 control unit.
The kit implements the main features of the
BORSHT functions:
- Battery feed (balance mode)
- Ringing Injection
- Signalling Detection
- Hybrid Function
The SLIC KIT injects the ringing signal in bal-
anced mode and requires a positive supply volt-
age of typically + 72V to be available on the sub-
scriber card.
The L3000N/L3092 kit generates the ringing sig-
nal internally, avoiding the requirement for expen-
sive external circuitry. A low level 1.5Vrms input is
required. (This can be provided by the combo).
A special operating mode limits the SLIC KIT
power dissipation to 50mW in on-hook condition
keeping the on/off hook detection circuit active.
Through the Digital Interface it is also possible to
set an operating mode that allows measurements
of loop resistance and therefore of line lenght.
This kit is fabricated using a 140V Bipolar tech-
nology for L3000N and a 12V Bipolar I
2L technol-
ogy for L3092.
Both devices are available PTH application
(FLEXIWATT15 and DIP28) or SMD application
(PowerSO-20 and PLCC28).
This kit is specially suitable to Private Automatic
Branch Exchange (PABX) and Low Range C.O.
Applications.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
November 1994
DIP28
ORDERING NUMBER:
L3092N
PLCC28
ORDERING NUMBER:
L3092FN
FLEXIWA TT15
ORDERING NUMBER:
L3000N
PowerSO-20
ORDERING NUMBER:
L3000NSO
1/32


Similar Part No. - L3092FN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
L30 KEXIN-L30 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
Powerbox
L30 POWERBOX-L30 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Texas Instruments
L30-Q1 TI1-L30-Q1 Datasheet
839Kb / 18P
NANOPOWER SUPERVIDORY CIRCUITS
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
More results

Similar Description - L3092FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
Jan-1995
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Intel Corporation
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
Optimized for Broadband Applications
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
SLIC protection for both classical and new networks
24-Jun-2011
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
Second generation ASIC replacement technology
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
Second generation AMD embedded
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
Optimized for both right and left-handed operation
logo
OmniVision Technologies...
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
Ideal for both stationary and mobile applications
12/2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com