Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092FN Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3092FN
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092FN Datasheet(HTML) 4 Page - STMicroelectronics

  L3092FN Datasheet HTML 1Page - STMicroelectronics L3092FN Datasheet HTML 2Page - STMicroelectronics L3092FN Datasheet HTML 3Page - STMicroelectronics L3092FN Datasheet HTML 4Page - STMicroelectronics L3092FN Datasheet HTML 5Page - STMicroelectronics L3092FN Datasheet HTML 6Page - STMicroelectronics L3092FN Datasheet HTML 7Page - STMicroelectronics L3092FN Datasheet HTML 8Page - STMicroelectronics L3092FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PIN DESCRIPTION (L3092)
N
°
Name
Description
1
VOUT
Two wire unbalanced output carryng out the following signals reduced by 40:
1) DC voltage to perform the proper DC characteristic.
2) Ringing Signal
3) Voice Signal
2
RPC
AC line Impedance Adjustment Protection Resistances Compensation
3
TX
Transmit Amplifier Output
4
COMP
Comparator Input. This is the input comparator that senses the line voltage in power down and in
automatic stand-by, allowing off hook detection in this mode.
5
AUT
Aut. Input. It is a part of the digital interface. Loaded when CS is low.
6
MR
Master Reset Input. When it is connected to ground the SLIC is forced in power down. It has an
internal pull-up. (typ. 200K
Ω) (*)
7
PWON
Power on/power off input. This input is part of digital interface. Loaded when CS is low.
8
RING
Ring Enable Input. This input is part of the digital interface. Loaded when CS is low.
9
CS
Chip Select Input.
10
GDK
Ground Key Output Enabled by CS Low.
11
ONHK
On Hook/off Hook Output Enabled by CS Low.
12
C2
State control Signal 2.
13
C1
State Control Signal 1. Combination of C1 and C2 define operating mode of the high voltage part.
14
RGIN
Low Level Ringing Signal Input.
15
CRT
Ring Trip Detection
16
IL
Longitudinal Line Current Input
17
RDC
DC Feeding System
18
IT
Transversal Line Current Input
19
ACDC
AC - DC Feedback Input.
20
VDD
Positive Supply Voltage, +5V.
21
REF
Bias Setting Pin.
22
VSS
Negative Supply Voltage, -5V.
23
GND
Analog and Digital Ground.
24
LIM
Limiting Current Selection Input. Loaded when CS is low.
25
PDO
Power Down Output. Driving the high voltage part L3000N through the bias resistor RH.
26
ZB
TX Amplifier Negative Input performig the two to four wire conversion. In case of application with
2nd Generation COMBO performing also the echo cancellation (ex TS5070/5071), this pin must
be connected to GND.
27
CAC
AC Feedback Input.
28
ZAC
AC Line Impedance Synthesis.
(*) Must be connected to a proper capacitor for power on reset or to VDD if not used. Should not be left open.
IL
=
Ib
− Ia
100
IT
=
Ia
+ Ib
100
L3000N - L3092
4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com