Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3092FN Datasheet(PDF) 2 Page - STMicroelectronics

Part # L3092FN
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092FN Datasheet(HTML) 2 Page - STMicroelectronics

  L3092FN Datasheet HTML 1Page - STMicroelectronics L3092FN Datasheet HTML 2Page - STMicroelectronics L3092FN Datasheet HTML 3Page - STMicroelectronics L3092FN Datasheet HTML 4Page - STMicroelectronics L3092FN Datasheet HTML 5Page - STMicroelectronics L3092FN Datasheet HTML 6Page - STMicroelectronics L3092FN Datasheet HTML 7Page - STMicroelectronics L3092FN Datasheet HTML 8Page - STMicroelectronics L3092FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PIN CONNECTIONS
DIP-28
PLCC-28
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vb–
Negative Battery Voltage
–80
V
Vb+
Positive Battery Voltage
80
V
|Vb–|+|Vb+|
Total Battery Voltage
140
V
Vdd
Positive Supply Voltage
+6
V
Vss
Negative Supply Voltage
–6
V
Vagnd–Vbgnd
Max. Voltage between Analog Ground and Battery Ground
5
V
Tj
Max. Junction Temperature
+150
°C
Tstg
Storage Temperature
–55 to +150
°C
FLEXIWATT15
PowerSO-20
VB-
VBIM
VIN
VDD
BGND
MNT
VB+
TIP
N.C.
RING
N.C.
IL
C2
IT
C1
REF
AGND
VB-
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
VB-
VB-
D94TL125
L3000N - L3092
2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com