Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet (PDF) - STMicroelectronics

L3000 Datasheet PDF - STMicroelectronics
Part # L3000
Download  L3000 Download
File Size   281.51 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUBSCRIBER LINE INTERFACE KIT

L3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3000 Datasheet PDF - STMicroelectronics

Part # L3000
Download  L3000 Click to download

File Size   281.51 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUBSCRIBER LINE INTERFACE KIT

L3000 Datasheet (HTML) - STMicroelectronics


L3000 Product details

DESCRIPTION
The ST SLIC KIT (L3000S/L3030)is a set of solid statedevices designedto integratemain of the functions needed to interface a telephone line. It consists of 2 integrated devices : the L3000S line interface circuit and the L3030 control unit.

■ PROGRAMMABLE DC FEEDING RESIS-TANCE AND LIMITINGCURRENT
   (fourvalues available)
■ THREE OPERATING MODES :
   STAND-BY, CONVERSATION, RINGING
■ NORMAL/BOOSTBATTERY,DIRECT/REVERSE POLARITY
■ SIGNALLING FUNCTION (off-hook/GND-key)
■ FILTERED OFF-HOOK DETECTION IN
   STAND-BY (10ms)
■ QUICK OFF-HOOK DETECTION IN CONVERSATION (< 1ms)
   FOR LOW DIAL PULSE DETECTION DISTORTION
■ HYBRID FUNCTION
■ RINGING GENERATION WITH QUASI ZERO
   OUTPUT IMPEDANCE, ZERO CROSSING INJECTION
   (no ext. relay needed) AND RING TRIP DETECTION
■ AUTOMATIC RINGING STOP WHEN OFFHOOK IS DETECTED
■ PARALLEL AND SERIAL DIGITAL INTERFACES
■ TELETAXESIGNALINJECTION(2VRMS/5VRMS)
■ LOW NUMBER OF EXTERNAL COMPONENTS
■ GOOD REJECTION OF THE NOISE ON BATTERY VOLTAGE
   (20dB at 10Hz and 35dB at 1kHz)
■ POSSIBILITY TO WORK ALSO WITH HIGH
   COMMON MODE CURRENTS
■ INTEGRATED THERMAL PROTECTION WITH
   THERMAL OVERLOADINDICATION
■ SURFACE MOUNT PACKAGE
   (PLCC44 + PowerSO-20)




Similar Part No. - L3000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000N STMICROELECTRONICS-L3000N Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
L3000NSO STMICROELECTRONICS-L3000NSO Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
More results


Similar Description - L3000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
STMicroelectronics
TDB7711 STMICROELECTRONICS-TDB7711 Datasheet
776Kb / 18P
SUBSCRIBER LINE INTERFACE CIRCUIT KIT
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com