Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 1 Page - STMicroelectronics

  L3000 Datasheet HTML 1Page - STMicroelectronics L3000 Datasheet HTML 2Page - STMicroelectronics L3000 Datasheet HTML 3Page - STMicroelectronics L3000 Datasheet HTML 4Page - STMicroelectronics L3000 Datasheet HTML 5Page - STMicroelectronics L3000 Datasheet HTML 6Page - STMicroelectronics L3000 Datasheet HTML 7Page - STMicroelectronics L3000 Datasheet HTML 8Page - STMicroelectronics L3000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
L3000S
L3030
June 1997
SUBSCRIBER LINE INTERFACE KIT
PRELI MINARY DAT A
.
PROGRAMMABLE DC FEEDING RESIS-TAN-
CE AND LIMITINGCURRENT (fourvalues avai-
lable)
.
THREE OPERATING MODES :
STAND-BY, CONVERSATION, RINGING
.
NORMAL/BOOSTBATTERY, DIRECT/REVER-
SE POLARITY
.
SIGNALLING FUNCTION (off-hook/GND-key)
.
FILTERED
OFF-HOOK
DETECTION
IN
STAND-BY (10ms)
.
QUICK OFF-HOOK DETECTION IN CONVER-
SATION (< 1ms) FOR LOW DIAL PULSE DE-
TECTION DISTORTION
.
HYBRID FUNCTION
.
RINGING GENERATION WITH QUASI ZERO
OUTPUT IMPEDANCE, ZERO CROSSING IN-
JECTION (no ext. relay needed) AND RING
TRIP DETECTION
.
AUTOMATIC RINGING STOP WHEN OFF-
HOOK IS DETECTED
.
PARALLEL AND SERIAL DIGITAL INTERFA-
CES
.
TELETAXE SIGNALINJECTION (2VRMS/5VRMS)
.
LOW NUMBER OF EXTERNAL COMPO-
NENTS
.
GOOD REJECTION OF THE NOISE ON BAT-
TERY VOLTAGE (20dB at 10Hz and 35dB at
1kHz)
.
POSSIBILITY TO WORK ALSO WITH HIGH
COMMON MODE CURRENTS
.
INTEGRATED THERMAL PROTECTION WITH
THERMAL OVERLOAD INDICATION
.
SURFACE MOUNT PACKAGE
(PLCC44 + PowerSO-20)
DESCRIPTION
PLCC44
FLEXIWATT15
The ST SLIC KIT (L3000S/L3030) is a set of solid
state devices designed to integrate main of the fun-
ctions needed to interface a telephone line. It con-
sists of 2 integrated devices : the L3000S line
interface circuit and the L3030 control unit.
This kit performs the main features of the BORSHT
functions :
- Battery feed
- Ringing
- Signalling
- Hybrid
Additional functions, such as battery reversal, extra
batteryuse, line overvoltagesensing and metering-
pulse injection are also featured ; most external
characteristics,as AC and DC impedances,are pro-
grammable with external components.The SLIC in-
jects ringing in balanced mode and for that, as well
as for the operation in battery boosted, a positive
battery voltage shall be available on the subscriber
card. As the right ringing signal amplification both in
voltage and in current is provided by SLIC, the ring
signal generatorshall only provide a low level signal
(0.285Vrms).
This kit is fabricated using a 140V Bipolar technolo-
gy for L3000S and a 12V Bipolar I
2L technologyfor
L3030.
L3030 is available PLCC44 and L3000S in both
FLEXIWATT15 and PowerSO-20 for surfacemount
application.
This kit is suitable for all the following applications:
C.O. (CentralOffice),DLC (Digital LoopCarrier) and
high range PABX (Private Automatic Branch Ex-
change).
PowerSO20
slug-up
slug-down
ORDERING NUMBERS :
L3030 (PLCC44)
L3000SX-VM (FLEXIWATT15)
L3000SX (PowerSO20 slug-up)
L3000SX-77 (PowerSO20 slug-down)
1/29


Similar Part No. - L3000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000N STMICROELECTRONICS-L3000N Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
L3000NSO STMICROELECTRONICS-L3000NSO Datasheet
412Kb / 32P
SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Nov-1994
More results

Similar Description - L3000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
STMicroelectronics
TDB7711 STMICROELECTRONICS-TDB7711 Datasheet
776Kb / 18P
SUBSCRIBER LINE INTERFACE CIRCUIT KIT
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com