Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L3000 Datasheet HTML 14Page - STMicroelectronics L3000 Datasheet HTML 15Page - STMicroelectronics L3000 Datasheet HTML 16Page - STMicroelectronics L3000 Datasheet HTML 17Page - STMicroelectronics L3000 Datasheet HTML 18Page - STMicroelectronics L3000 Datasheet HTML 19Page - STMicroelectronics L3000 Datasheet HTML 20Page - STMicroelectronics L3000 Datasheet HTML 21Page - STMicroelectronics L3000 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuits of the Figure 12, VDD = + 5V, VSS =-
5V, VB+= +72V, VB– = – 48V, Tamb =+ 25
oC, TTX FILT = 1kΩ)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
STAND-BY
Vls
Output Voltage at L3000S
Terminals
Iline = 0mA
Iline = 5mA
30.0
28.2
40.0
38.5
V
V
Ilcc
Short Circuit Current
DATA IN (note 1) 000X00X1
5
8.5
mA
Iot
On/off-hook Detection Threshold
5
8.5
mA
Vls
Symmetry to Ground
Iline = 0mA
.75
V
STAND BY DENIAL
Ilcc
Short Circuit Current
DATA IN 000X00X0
2
mA
DC OPERATION - NORMAL BATTERY (VTTX =2VRMS, low level)
Vlo
Output Voltage at L3000S
Terminals Ilim = 70mA Data in
1000X010
Iline = 0mA
Iline = 20mA
Iline = 50mA
31.0
24.0
2.5
35.0
28.8
17.5
V
V
V
Ilim
Current Programmed Through
the Digital Inter.
– 10%
Ilim
+ 15%
mA
Io
On-hook Detection Threshold
8
mA
If
Off-hook Detection Threshold
12
mA
Ilgk
Longitudinal Line Current with
GK Detect
10
17
26
mA
DC OPERATION - BOOST BATTERY
Vlo
Output Voltage at L3000S
Terminals
Iline = 0mA
Iline = 20mA
86
68.6
95.6
81
V
V
AC OPERATION
Ztx
Sending Output Impedance
4 Wire Side
10
Zrx
Receiving Input Impedance
4 Wire Side
100
k
THD
Signal Distorsion at 2W and 4W
Terminals
0.5
%
R1
2W Return Loss
f = 300 to 3400Hz
22
dB
Thl
Trans Hybrid Loss
f = 300 to 3400Hz
24
dB
Gs
Sending Gain
Vso = 0dBm f = 1020Hz
Norm. Polarity
– 0.25
+ 0.25
dB
Gsf
Sending Gain Flatness versus
Frequency
f = 300 to 3400Hz Respect
to 1020Hz
– 0.1
+ 0.1
dB
Gsl
Sending Gain Linearity
fr = 1020Hz,
Vsoref = –10dBm
Vso = + 4 /– 40dBm
– 0.1
+ 0.1
dB
Gr
Receiving Gain
Vri = 0dBm f = 1020Hz
Norm. Polarity
– 0.25
0
+ 0.25
dB
Grf
Receiving Gain Flatness
f = 300 to 3400Hz Respect
to 1020
– 0.1
+ 0.1
dB
No tes : 1. The data into t he digital in terface of L3030 are send i n serial mode. T he f ormat of dat a is the foll ow ing :
a) DAT A IN : the bit at left side is BIT 0 of the wri ting w ord, whil e the bit at the ri ght si de i s B IT 7.
b) DAT A OUT : the bit at the left side is BI T0 of the readin g wor d, whil e the bit at the ri ght i s BI T4.
When appear a symbol X, the val ue of the bit don’ t care.
L3000S - L3030
18/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com