Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3000 Datasheet HTML 11Page - STMicroelectronics L3000 Datasheet HTML 12Page - STMicroelectronics L3000 Datasheet HTML 13Page - STMicroelectronics L3000 Datasheet HTML 14Page - STMicroelectronics L3000 Datasheet HTML 15Page - STMicroelectronics L3000 Datasheet HTML 16Page - STMicroelectronics L3000 Datasheet HTML 17Page - STMicroelectronics L3000 Datasheet HTML 18Page - STMicroelectronics L3000 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DYNAMIC ELECTRICAL CHARACTERISTICS
fclk
Clock Frequency
1
600
kHz
Tr, Tf
Clock Rise and Fall Time
50
ns
Twh, Twl
Clock Impulse Width
750
ns
Tis
CI to NCS Set up Time
300
ns
Tec
”0” EIA to DCKL Set up Time
300
ns
Tsc
DCKL to NCS Delay (+ edge)
300
ns
Tsd
Data in Set up Time
0
ns
Thd
Data in Hold Time
800
ns
Tcs
NCS to DCKL Hold Time
800
ns
Tca
”0” EIA to DCKL Hold Time
900
ns
Tac
”1” EIA to DCKL Set up Time
400
ns
Tzd
Data out to ”0” NCS Delay
0
600
ns
Tce
”1” EIA to DCKL Hold Time
900
ns
Tdz
Data out to ”1” NCS Delay
500
ns
Tdd
Data out to DCKL Delay
1500
ns
Tsi
”0” CI to NCS Hold Time
300
ns
OPERATION DESCRIPTION
To set SLIC in operation the following parameters
have to be defined :
- the DC feedingresistance RFS, definedas the re-
sistance of each side of the traditional feeding sy-
stem (most common values are 200, 400 or 500
ohm).
- the AC impedanceat line terminals, ZML, to which
the return loss measurement references.It can be
real (typically 600 ohm) or complex.
- the equivalent AC impedance of the line Zline,
when evaluating the trans hybrid loss (2/4 wire
conversion). It is usually a complex impedance.
- the ringing signal frequency Fr (ST SLIC allows
frequency ranging from 16 to 66Hz).
- the metering pulse frequency Ft (two values are
possible : 12kHz or 16kHz).
- the value of the two resistors RP1/RP2 in series
with the line terminals ; main purpose of the a.m.
resistors is to allow primary protection to fire. ST
suggest the minimum value of 50 ohm for each
side.
On this assumptions,the following componentlist is
defined.
L3000S - L3030
15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com