Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L3000 Datasheet HTML 2Page - STMicroelectronics L3000 Datasheet HTML 3Page - STMicroelectronics L3000 Datasheet HTML 4Page - STMicroelectronics L3000 Datasheet HTML 5Page - STMicroelectronics L3000 Datasheet HTML 6Page - STMicroelectronics L3000 Datasheet HTML 7Page - STMicroelectronics L3000 Datasheet HTML 8Page - STMicroelectronics L3000 Datasheet HTML 9Page - STMicroelectronics L3000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vb–
Negative Battery Voltage
– 80
V
Vb+
Positive Battery Voltage
80
V
|Vb–| + |Vb+|
Total Battery Voltage
140
V
Vdd
Positive Supply Voltage
+ 6
V
Vss
Negative Supply Voltage
– 6
V
Vagnd –Vbgnd
Max. Voltage between Analog Ground and Battery Ground
5
V
Tj
Max. Junction Temperature
+ 150
°C
Tstg
Storage Temperature
– 55 to + 150
°C
OPERATING RANGE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Toper
Operating Temperature Range
0
70
°C
Vb–
Negative Battery Voltage
– 70
– 48
– 24
V
Vb+
Positive Battery Voltage
0
+ 72
+ 75
V
Vb–+ Vb+
Total Battery Voltage
120
130
V
Vdd
Positive Supply Voltage
+ 4.5
+ 5.5
V
Vss
Negative Supply Voltage
– 5.5
– 4.5
V
Imax
Total Line Current (IL + IT)
85
mA
THERMAL DATA
Symbol
Parameter
Value
Unit
L3000S HIGH VOLTAGE
Flexiwatt
PWSO20
Rth j-case
Thermal Resistance Junction to Case
Max. 4
Typ. 2
°C/W
Rth j-amb
Thermal Resistance Junction to Ambient
Max. 50
Max. 60
°C/W
L3030 LOW VOLTAGE
Rth j-amb
Max. Resistance Junction to Ambient
80
°C/W
FUNCTIONAL DESCRIPTION
L3000S - High Voltage Circuit
The L3000Slineinterfaceprovides a batteryfeeding
for telephonelines and ringing injection. The IC con-
tains a state decoderthat underexternal control can
force the following operational modes : stand-by,
conversation and ringing.
In addition Power down mode can be forced con-
necting the bias current resistor to VDD or leaving it
open.
Two pins, IL andIT, carryout the information concer-
ning line statuswhich is detectedby sensing the line
current into the output stage.
The L3000S amplifies both the AC and DC signals
entering at pin 6 (VIN) by a factor equal to 40.
Separate grounds are provided :
- Analog ground as a reference for analog signals
- Battery ground as a reference for the output sta-
ges
The two ground should be shorted togetherat a low
impedance point.
L3030 - Control Unit
The L3030 low voltage control unit controls L3000S
line interface module, giving the proper information
to set line feed characteristic, to inject ringing and
TTX signal and synthetizes the line and balance im-
pedances. An on chip digital interface allows a mi-
croprocessor to control all the operations. L3030
defines working states of line interface and also in-
forms the card controller about line status.
L3000S - Working States
In order to carry out the different possible opera-
tions, the L3000S has several different working sta-
tes.Each stateis definedby the voltagerespectively
applied by pins 27 and 28 of L3030 to the pins 11
and 12 of L3000S.
Three different voltage levels (– 3, 0, + 3) are avai-
lable at each connection, so defining nine possible
L3000S - L3030
6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com