Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L3000 Datasheet HTML 3Page - STMicroelectronics L3000 Datasheet HTML 4Page - STMicroelectronics L3000 Datasheet HTML 5Page - STMicroelectronics L3000 Datasheet HTML 6Page - STMicroelectronics L3000 Datasheet HTML 7Page - STMicroelectronics L3000 Datasheet HTML 8Page - STMicroelectronics L3000 Datasheet HTML 9Page - STMicroelectronics L3000 Datasheet HTML 10Page - STMicroelectronics L3000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Table 1.
Pin 28 of L3030 / Pin 12 of L3000S
(C2)
+3
0
– 3
Pin 27 of L3030
Pin
11 of L3000S
+ 3
Stand-by
Conversation in Normal
Battery Direct Polarity
Conversation in Normal
Battery Reverse Polar
0
Not allowed.
Conversation in Boost
Battery Direct Polarity
Conversation in Boost
Battery Reverse Polar
– 3
Not allowed.
Ringing with Direct
Polarity
Not allowed.
states as listed in Table. 1.
Appropriate combinations of two pins define the
three modes of the ST SLIC, that are :
a) Stand-by (SBY)
b) Conversation (CVS), Normal and Reverse pola-
rity
c) Ringing (RING)
d) Boost Battery (BB), Normal and Reverse polarity
A fifth status, Power down (PD), can be set discon-
necting the bias resistor (RH) from pin 10 of L3000S
by means of an external transistor.
The main difference between Stand-by and Power
down is that in SBY the power consumption on the
voltage battery VB– (– 48V) is reduced but the
L3000S DC feeding and monitoring circuits are still
active. In PD the power consumption on VB- is re-
duced to zero, and the L3000S is completely swit-
ched off.
The SBYstatus shouldbe used when the telephone
is in On hook and PD status only in emergencycon-
dition when it is mandatory to cut any possible dis-
sipation but no operation are requested.
OPERATING MODES
Stand-by (SBY) Mode
In this mode, the bias currents of both L3000S and
L3030are reducedas only someparts of the two cir-
cuits are completely active, control interface and
current sensors among them. The current supplied
to the line is limited at 7mA, and the slope of the DC
characteristic corresponds to :
R
=
2
3
x
(RFS + 2RP)
The Line voltage in on Hook conditionis just the bat-
tery voltage minus the voltage drop (approx. 15V) of
the output stage amplifiers (see Fig. 1).
Figure 1 : DC Characteristics in Stand-byMode.
L3000S - L3030
7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com