Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3000
Description  SUBSCRIBER LINE INTERFACE KIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3000 Datasheet HTML 5Page - STMicroelectronics L3000 Datasheet HTML 6Page - STMicroelectronics L3000 Datasheet HTML 7Page - STMicroelectronics L3000 Datasheet HTML 8Page - STMicroelectronics L3000 Datasheet HTML 9Page - STMicroelectronics L3000 Datasheet HTML 10Page - STMicroelectronics L3000 Datasheet HTML 11Page - STMicroelectronics L3000 Datasheet HTML 12Page - STMicroelectronics L3000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
stem ; in this case the internal dropout voltage is
equal to 30V.
Fig. 3 shows the DC characteristic in boost battery
condition.
In conversationmode, on request of control proces-
sor, whatever condition is set (normal or boost bat-
tery, direct or reverse polarity), you can inject the
12kHz (or 16kHz) signal (permanentlyapplied at the
pin 33 with 950mVrms typ. amplitude), as metering
pulses. A patented automatic control system adjust
the level of the metering signal, across the line, to
2Vrms setting BIT3 = 0, or to 5Vrms setting BIT3 =
1 ; this, regardless of the line impedance. Moreover
the metering signal is ramped at the beginningand
at the end of each pulse to prevent undesirableclic-
king noise ; the slope is determined by the value of
CINT (see the external component list of L3030).
The SLIC also provides, in the transmit direction
(from line to 4-wire side), an amplifier to insert an ex-
ternal notch filter (series resonator) for suppressing
the 12/16kHz residual signal.
Fig. 4 shows a suggestednotch Filter configuration.
The metering pulses can be injected with a DC line
current equal to zero (ON-HOOK Operation).
If teletax is not used the notch filter can be replaced
by a 1K
Ω resistor.
Inconversationmode theAC impedanceat the lineter-
minals,ZML,issynthetizedbytheexternalcomponents
ZAC and RP, according to the following formula :
ZML = ZAC + (RP1 + RP2)
Dependingon the characteristic of the ZAC network,
ZML can be either a pure resistance or a complex im-
pedance,soallowing ST SLICtomeetdifferentstand-
ards as far as the return loss is concerned. The
capacitor CCOMP guaranteesstability to the system.
The two-to-four wire conversion is achieved by me-
ans of a Wheatstone bridge configuration,the sides
of which being :
1) the line impedance (Zline),
2) the SLIC impedance at line terminals (ZML),
3) thenetworkZA connectedbetweenpin 36 and 41
of L3030 (see external component list of L3030),
4) the network ZB between pin 36 and ground that
shall copy the line impedance.
For a perfectbalancing, the following equationshall
be verified :
ZA
ZB
=
ZML
Zline
It is important to underline that ZA and ZB are not
obliged to be equal to ZML and to Zline, but they
both may be multiplied by a factor (up to ten) so al-
lowing use of smaller capacitors.
Inconversation,the L3000Sdissipatesabout250mW
foritsownoperation; thedissipationdependingon the
current supplied to the line shall be added.
The fig 5 and fig 6 show the DC characteristicfor two
different Feeding resistance.
2 x 200 Ohm and 2 x 400 respectively.
f
=
1
2
π √
LxC
L
=
R2 x
R4 xR5
R3
xC2
Figure 4 : External Teletaxe Filter.
Figure 3 : DC Characteristic (b.b.)
ILIM = 25/30/45/70mA.
L3000S - L3030
9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com