Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
21
Version: DM9601-DS-F01
June 22, 2002
10.5 TX Status Register II ( 04H ) for packet index I I
Bit
Name
Default
Description
7
TJTO
0,RO
Transmit Jabber Time Out
It is set to indicate the transmitted frame is truncated due to more than 2048 bytes
are transmitted
6
LC
0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal loopback mode
5NC
0,RO
No Carrier
It is set to indicate that no carrier signal during the frame transmission. It is not valid
in internal loopback mode
4
LC
0,RO
Late Collision
It is set to indicate a collision occurs after the collision window of 64 bytes
3
COL
0,RO
Collision Packet
Collision occurs during transmission
2
EC
0,RO
Excessive collision
It is set to indicate the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
10.6 RX Control Register ( 05H )
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
WTDIS
0,RW
Watchdog Timer Disable
When set, the Watchdog Timer (2048 bytes) is disabled. Otherwise it is enabled
5
DIS_LONG
0,RW
Discard Long Packet, packet length over 1522byte
4
DIS_CRC
0,RW
Discard CRC Error Packet
3
ALL
0,RW
Pass All Multicast
2
RUNT
0,RW
Pass Runt Packet
1
PRMSC
0,RW
Promiscuous Mode
0
RXEN
0,RW
RX Enable
10.7 RX Status Register ( 06H )
Bit
Name
Default
Description
7
RF
0,RO
Runt Frame
It is set to indicate the received frame has the size smaller than 64 bytes.
6
MF
0,RO
Multicast Frame
It is set to indicate the received frame has a multicast address.
5
LCS
0,RO
Late Collision Seen
It is set to indicate that a late collision found during the frame reception.
4
RWTO
0,RO
Receive Watchdog Time-Out
It is set to indicate that receive more than 2048 bytes.
3
PLE
0,RO
Physical Layer Error
It is set to indicate that a physical layer error found during the frame reception.
2
AE
0,RO
Alignment Error
It is set to indicate that the received frame ends with a non-byte boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com