Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
7
Version: DM9601-DS-F01
June 22, 2002
5.4 Clock Interface
21
X2_25M
I/O
Crystal 25MHz Out
22
X1_25M
I/O
Crystal 25MHz In
59
CLK20MO
I/O
20Mhz Clock Output
5.5 LED Interface
60
SPEED100#
O
Speed LED
It’s low output indicates that the internal PHY is operated in 100M speed,
or it is floating for the 10M mode of the internal PHY.
61
DUP#
O
Full-duplex LED
In LED mode 1, It’s low output indicates that the internal PHY is operated
in full-duplex mode, or it is floating for the half-duplex mode of the
internal PHY.
In LED mode 0, It’s low output indicates that the internal PHY is operated
in 10M mode, or it is floating for the 100M mode of the internal PHY.
62
LINK&ACT#
O
Link LED
In LED mode 1, it is the combined LED of link and carrier sense signal of
the internal PHY.
In LED mode 0, it is the LED of the carrier sense signal of the internal
PHY only.
5.6 10/100 PHY/Fiber
24
SD
I
Fiber-optic Signal Detect
PECL signal indicates whether or not the fiber-optic receives pair is
receiving valid levels.
25
AGND
Bandgap Ground.
26
BGRES
I/O
Bandgap Pin.
27
AVDD
Bandgap and Guard Ring Power
28
AVDD
RX Power
29
RX+
I
TP RX Input
30
RX-
I
TP RX Input
31
AGND
RX Ground
32
AGND
TX Ground
33
TXO+
O
TP TX Output
34
TXO-
O
TP TX Output
35
AVDD
TX Power
5.7 Miscellaneous
16
MII MODE
I
Tie to DVDD if connects with Ethernet’s PHY through External MII.
Otherwise tie it to ground.
48
TEST5
I
It Must be Ground
68,69,70,
71,82,83,
84
GPIO0~6
I/O
General I/O Ports
Registers GPCR and GPR can program these pins
The GPIO0 is an output mode with output data high at default to power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com