Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9601E Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
4
Final
Version: DM9601-DS-F01
June 22, 2002
3. Features
3.1 USB Characteristics
■
USB Specification revision 1.1 compliant
■
Supports 12MHz Full-Speed operation
■
Supports suspend mode and remote wake up
resume
■
Supports USB standard commands
■
Supports vendor specific commands
■
Supports test-mode for memory test.
■
Efficient TX/RX FIFO auto management.
3.2 Transceiver
■
10/100M PHY
■
USB 1.1
3.3 Other
■
Supports large internal 16K byte SRAM
■
Supports automatically load vendor ID and product
ID from EEPROM
■
Supports MII and the reverse MII interface
■
IEEE802.3x flow control for full-duplex mode
■
Back Pressure Mode for half-duplex mode flow
control
■
Supports wakeup frame, link status change and
Magic packet events for remote wake-up
■
Low-Power, Single-Supply 3.3V CMOS technology
■
Very Low Power Consumption mode
–
Power Reduced mode(cable detection)
–
Power Down mode
–
Selectable TX drivers for 1:1 or 1.25:1
transformers for additional power reduction.
■
Compatible with 3.3V and 5.0V tolerant I/O
■
100-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com