Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9601E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
8
Final
Version: DM9601-DS-F01
June 22, 2002
down internal PHY and other external MII device
GPIO1~6 default are input ports
78
LINK_O
O
Cable Link Status Output. Active High
This pin is also used as a strap pin to define the MII interface is the
reversed MII interface (pulled high) or the normal MII interface (not
pulled high)
79
WAKEUP
O
Issue a wake-up signal when wake-up event happens
80
PW_RST#
I
Hardware Reset
Active low signal to initiate the DM9601
1,2,3,4,6,7,
8,9,10,11,
12,13,14,
77,85,86,
87,88,89,
91,92,93,
94,95,96,
97,98,100
NC
Not Connected
5.8 Power Pins
5,20,36,55,
72,90,
DVDD
Digital VCC
15,17,18,
19,23,42,
48,58,63,
81,99
DGND
Digital GND
73
AVDD
Analog VCC
76
AGND
Analog GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com