Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 9Page - Cirrus Logic CS4364 Datasheet HTML 10Page - Cirrus Logic CS4364 Datasheet HTML 11Page - Cirrus Logic CS4364 Datasheet HTML 12Page - Cirrus Logic CS4364 Datasheet HTML 13Page - Cirrus Logic CS4364 Datasheet HTML 14Page - Cirrus Logic CS4364 Datasheet HTML 15Page - Cirrus Logic CS4364 Datasheet HTML 16Page - Cirrus Logic CS4364 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
DS619A1
13
CS4364
DIGITAL CHARACTERISTICS
13. Any pin except supplies. Transient currents of up to ±100 mA on the input pins will not cause SCR latch-up
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
(Note 13)
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
High-Level Input Voltage
Serial I/O
Control I/O
VIH
VIH
70%
70%
-
-
-
-
VLS
VLC
Low-Level Input Voltage
Serial I/O
Control I/O
VIL
VIL
-
-
-
-
30%
30%
VLS
VLC
High-Level Output Voltage (IOH = -1.2 mA)
Control I/O
VOH
80%
-
-
VLC
Low-Level Output Voltage (IOL = 1.2 mA)
Control I/O
VOL
--
20%
VLC
MUTEC auto detect input high voltage
VIH
70%
-
-
VA
MUTEC auto detect input low voltage
VIL
--
30%
VA
Maximum MUTEC Drive Current
Imax
-3
-
mA
MUTEC High-Level Output Voltage
VOH
-VA
-
V
MUTEC Low-Level Output Voltage
VOL
-0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com