Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 20Page - Cirrus Logic CS4364 Datasheet HTML 21Page - Cirrus Logic CS4364 Datasheet HTML 22Page - Cirrus Logic CS4364 Datasheet HTML 23Page - Cirrus Logic CS4364 Datasheet HTML 24Page - Cirrus Logic CS4364 Datasheet HTML 25Page - Cirrus Logic CS4364 Datasheet HTML 26Page - Cirrus Logic CS4364 Datasheet HTML 27Page - Cirrus Logic CS4364 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
24
DS619A1
CS4364
3.3.3
TDM
The TDM serial audio interface format operates in single, double, or quad-speed mode and will slave to
SCLK at 256 Fs. Data is received most significant bit first on the first SCLK after an LRCK transition and
is valid on the rising edge of SCLK. LRCK identifies the start of a new frame and is equal to the sample
rate, Fs. LRCK is sampled as valid on the rising SCLK edge preceding the most significant bit of the first
data sample and must be held valid for one SCLK period. Each time slot is 32 bits wide, with the valid data
sample left justified within the time slot with the remaining bits being zero padded.
3.4
Oversampling Modes
The CS4364 operates in one of three oversampling modes based on the input sample rate. Mode selection
is determined by the M4, M3 and M2 pins in hardware mode or the FM bits in software mode. Single-Speed
mode supports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-Speed mode
supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x. Quad-speed mode sup-
ports input sample rates up to 200 kHz and uses an oversampling ratio of 32x.
The auto-speed mode detect feature allows for the automatic selection of speed mode based off of the in-
coming sample rate. This allows the CS4364 to accept a wide range of sample rates with no external inter-
vention necessary. The auto-speed mode detect feature is available in both hardware and software mode.
3.5
Interpolation Filter
To accommodate the increasingly complex requirements of digital audio systems, the CS4364 incorporates
selectable interpolation filters for each mode of operation. A “fast” and a “slow” roll-off filter is available in
each of Single, Double, and Quad-Speed modes. These filters have been designed to accommodate a va-
riety of musical tastes and styles. The FILT_SEL bit is used to select which filter is used (see the “Parameter
Definitions” on page 47 for more details).
When in hardware mode, only the “fast” roll-off filter is available.
Filter specifications can be found in Section 2, and filter response plots can be found in Figures 26 to 49.
DAC_B2
LRCK
SCLK
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
SDIN1
DAC_A1
DAC_A2
DAC_B1
DAC_A3
256 clks
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
LSB
MSB
DAC_B3
32 clks
32 clks
LSB
MSB
zero
Data
Figure 17. Format 12 - TDM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com