Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 14Page - Cirrus Logic CS4364 Datasheet HTML 15Page - Cirrus Logic CS4364 Datasheet HTML 16Page - Cirrus Logic CS4364 Datasheet HTML 17Page - Cirrus Logic CS4364 Datasheet HTML 18Page - Cirrus Logic CS4364 Datasheet HTML 19Page - Cirrus Logic CS4364 Datasheet HTML 20Page - Cirrus Logic CS4364 Datasheet HTML 21Page - Cirrus Logic CS4364 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
DS619A1
CS4364
VLS
MCLK
VD
AOUT1
8
32
0.1 µF
+
1 µF
+2.5 V
SDIN1
9
1 µF
0.1 µF
+
+
20
21
FILT+
CMOUT
7
6
LRCK
SCLK
SDIN3
SDIN2
39
0.1 µF
47 µF
VA
0.1 µF
+
1 µF
0.1 µF
+1.8 V to +5 V
+5 V
4
43
13
Analog Conditioning
and Muting
AOUT2
38
Analog Conditioning
and Muting
AOUT3
35
Analog Conditioning
and Muting
AOUT4
34
Analog Conditioning
and Muting
AOUT5
29
Analog Conditioning
and Muting
AOUT6
28
Analog Conditioning
and Muting
MUTEC1
41
26
Mute
Drive
MUTEC2
11
Micro-
Controller
VLC
0.1 µF
+1.8 V to +5 V
18
2
48
DSD4
3
42
DSD_SCLK
DSD1
DSD6
DSD5
DSD2
DSD3
46
47
1
16
15
SCL/CCLK
SDA/CDIN
ADO/CS
RST
19
17
Note*: Necessary for
I
2C
control port
operation
Note*
MUTEC3
25
24
MUTEC4
MUTEC5
23
22
MUTEC6
CS4364
31
GND
GND
5
TST*
DSD
Audio
Source
220 Ω
470 Ω
470 Ω
Digital
Audio
Source
PCM
*Pins: 10, 12,
14, 44, 45
Pins: 27, 30, 33,
36, 37, 40
TST_OUT
Figure 7. Typical Connection Diagram, Software Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com