Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4364 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4364 Datasheet HTML 17Page - Cirrus Logic CS4364 Datasheet HTML 18Page - Cirrus Logic CS4364 Datasheet HTML 19Page - Cirrus Logic CS4364 Datasheet HTML 20Page - Cirrus Logic CS4364 Datasheet HTML 21Page - Cirrus Logic CS4364 Datasheet HTML 22Page - Cirrus Logic CS4364 Datasheet HTML 23Page - Cirrus Logic CS4364 Datasheet HTML 24Page - Cirrus Logic CS4364 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
DS619A1
21
CS4364
3.2
Mode Select
In hardware mode operation is determined by the Mode Select pins. The state of these pins are continually
scanned for any changes. These pins require connection to supply or ground as outlined in Figure 8. For
M0, M1, M2 supply is VLC and for M3 and M4 supply is VLS. Tables 4 - 6 show the decode of these pins.
In software mode, the operational mode and data format are set in the FM and DIF registers.
M1
(DIF1)
M0
(DIF0)
DESCRIPTION
FORMAT
FIGURE
00
Left Justified, up to 24-bit data
0
9
01
I2S, up to 24-bit data
1
10
10
Right Justified, 16-bit Data
2
11
11
Right Justified, 24-bit Data
3
12
Table 4. PCM Digital Interface Format, Hardware Mode Options
M4
M3
M2
(DEM)
M1
M0
DESCRIPTION
00
0
Table 4
Single-Speed without De-Emphasis (4 kHz to 50 kHz sample rates)
00
1
Single-Speed with 44.1 kHz De-Emphasis; see Figure 18
01
0
Double-Speed (50 kHz to 100 kHz sample rates)
01
1
Quad-Speed (100 kHz to 200 kHz sample rates)
10
0
Auto Speed-Mode Detect (32 kHz to 200 kHz sample rates)
10
1
Auto Speed-Mode Detect with 44.1 kHz De-Emphasis; see Figure 18
11
Table 6
DSD Processor Mode
Table 5. Mode Selection, Hardware Mode Options
M2
M1
M0
DESCRIPTION
00
0
64x oversampled DSD data with a 4x MCLK to DSD data rate
00
1
64x oversampled DSD data with a 6x MCLK to DSD data rate
01
0
64x oversampled DSD data with a 8x MCLK to DSD data rate
01
1
64x oversampled DSD data with a 12x MCLK to DSD data rate
10
0
128x oversampled DSD data with a 2x MCLK to DSD data rate
10
1
128x oversampled DSD data with a 3x MCLK to DSD data rate
11
0
128x oversampled DSD data with a 4x MCLK to DSD data rate
11
1
128x oversampled DSD data with a 6x MCLK to DSD data rate
Table 6. Direct Stream Digital (DSD), Hardware Mode Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com