Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 8Page - Cirrus Logic CS5321 Datasheet HTML 9Page - Cirrus Logic CS5321 Datasheet HTML 10Page - Cirrus Logic CS5321 Datasheet HTML 11Page - Cirrus Logic CS5321 Datasheet HTML 12Page - Cirrus Logic CS5321 Datasheet HTML 13Page - Cirrus Logic CS5321 Datasheet HTML 14Page - Cirrus Logic CS5321 Datasheet HTML 15Page - Cirrus Logic CS5321 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS5321/22
12
DS454F2
CS5322 SWITCHING CHARACTERISTICS (continued)
Parameter
Symbol
Min
Typ
Max
Units
Test Data (TDATA) Timing
SYNC Setup Time to CLKIN rising
tss
20
-
-
ns
SYNC Hold Time after CLKIN rising
tsh
20
-
-
ns
TDATA Setup Time to CLKIN rising after SYNC
ttds
-20-
ns
TDATA Hold Time after CLKIN rising
ttdh
-150
-
ns
ORCAL Setup Time to CLKIN rising
tos
20
-
-
ns
ORCAL Hold Time after CLKIN rising
toh
20
-
-
ns
DRDY Timing
CLKIN rising to DRDY falling
tdf
-140
-
ns
CLKIN falling to DRDY rising
tdr
-150
-
ns
CLKIN rising to ERROR change
tec
-140
-
ns
RESET Timing
RESET Setup Time to CLKIN rising
trs
20
-
-
ns
RESET Hold Time after CLKIN rising
trh
20
-
-
ns
SYNC Setup Time to CLKIN rising
tss
20
-
-
ns
SYNC Hold Time after CLKIN rising
tsh
20
-
-
ns
t rdh
SYNC
O RCA L
LS Y N C *
TD A T A
FILT E R
VA L ID
V A L ID
t ss
t sh
t tds
t td s
t tdh
SA M P L E S
DA T A
CL K IN
t os
t oh
Figure 14. TDATA Setup/Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com