Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5321 Datasheet HTML 1Page - Cirrus Logic CS5321 Datasheet HTML 2Page - Cirrus Logic CS5321 Datasheet HTML 3Page - Cirrus Logic CS5321 Datasheet HTML 4Page - Cirrus Logic CS5321 Datasheet HTML 5Page - Cirrus Logic CS5321 Datasheet HTML 6Page - Cirrus Logic CS5321 Datasheet HTML 7Page - Cirrus Logic CS5321 Datasheet HTML 8Page - Cirrus Logic CS5321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS5321/22
4
DS454F2
1. CHARACTERISTICS AND SPECIFICATIONS
CS5321 ANALOG CHARACTERISTICS (T
A = (See Note 1); Vss1, Vss2 = -5 V; Vdd1, Vdd2 = +5 V;
VD+ = 5 V; AGND = DGND = 0 V; HBR = Vdd LPWR = 0, MCLK = 1.024 MHz; Device connected as shown in Figure 20,
CS5322 used for filtering; Logic 1 = VD+, Logic 0 = 0V; unless otherwise specified.)
Notes: 1. CS5321-BL is guaranteed from -55o to +85o C, CS5322-BL is guaranteed from -40o to +85o C.
2. fO = CS5322 output word rate. Refer to “CS5322 FILTER CHARACTERISTICS” on page 8 for details
on the FIR Filter.
3. Characterized with full scale input signal of 50 Hz; fo = 500 Hz.
4. Characterized with input signals of 30 Hz and 50 Hz, each 6 dB down from full scale with fo = 1000 Hz.
5. Specification is for the parameter over the specified temperature range and is for the CS5321 device
only (VREF = +4.5 V). It does not include the effects of external components; OFST = 0.
6. Drift specifications are guaranteed by design and/or characterization.
7. The offset after calibration specification applies to the effective offset voltage for a
±4.5 volt input to the
CS5321 modulator, but is relative to the output digital codes from the CS5322 after ORCAL and USEOR
have been made active.
8. The CS5322 offset calibration is performed digitally and includes
± full scale (±4.5 volts into CS5321).
Calibration of offsets greater than
±5% of full scale will begin to subtract from the dynamic range.
Parameter*
CS5321
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
(Note 2)
HBR = 1
fO = 4000 Hz
OFST = 1
fO = 2000 Hz
fO = 1000 Hz
fO = 500 Hz
fO = 250 Hz
fO = 125 Hz
fO = 62.5 Hz
HBR = 0
fO = 4000 Hz
OFST = 1
fO = 2000 Hz
fO = 1000 Hz
fO = 500 Hz
fO = 250 Hz
fO = 125 Hz
fO = 62.5 Hz
DR
-
-
116
-
-
-
-
-
-
-
-
-
-
-
103
118
121
124
127
129
130
99
115
118
121
124
126
127
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Signal-to-Distortion
(Note 3)
HBR = 1
HBR = 0
SDR
108
110
115
120
-
-
dB
dB
Intermodulation Distortion
(Note 4)
IMD
-
110
-
dB
DC Accuracy
Full Scale Error
(Note 5)
FSE
-
1
-
%
Full Scale Drift
(Note 5,6)
TCFS
-5-
ppm/°C
Offset
(Note 5)
VZSE
-10
-
mV
Offset after Calibration
(Note 7)
-
±100
-
µV
Offset Calibration Range
(Note 8)
-
100
-
%F.S.
Offset Drift
(Note 5,6)
TCZSE
-60-
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com