Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 16Page - Cirrus Logic CS5321 Datasheet HTML 17Page - Cirrus Logic CS5321 Datasheet HTML 18Page - Cirrus Logic CS5321 Datasheet HTML 19Page - Cirrus Logic CS5321 Datasheet HTML 20Page - Cirrus Logic CS5321 Datasheet HTML 21Page - Cirrus Logic CS5321 Datasheet HTML 22Page - Cirrus Logic CS5321 Datasheet HTML 23Page - Cirrus Logic CS5321 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS5321/22
20
DS454F2
2.4 Voltage Reference
The CS5321 is designed to operate with a voltage
reference in the range of 4.0 to 4.5 Volts. The volt-
age reference is applied to the VREF+ pin with the
VREF- pin connected to the GND. A 4.5 V refer-
ence will result in the best S/N performance but
most 4.5 V references require a power supply volt-
age greater than 5.0 V for operation. A 4.0 V refer-
ence can be used for those applications which must
operate from only 5.0 V supplies, but will yield a
S/N slightly lower (1-2 dB) than when using a 4.5
V reference. The voltage reference should be de-
signed to yield less than 2
µVrms of noise in band
at the VREF+ pin of the CS5321. The CS5322 filter
selection will determine the bandwidth over which
the voltage reference noise will affect the
CS5321/22 dynamic range.
For a 4.5 V reference, the LT1019-4.5 voltage ref-
erence yields low enough noise if the output is fil-
tered with a low pass RC filter as shown in Figure
21 Option A. The filter in Figure 21 Option A is ac-
ceptable for most spectral measurement applica-
tions, but a buffered version with lower source
impedance (Figure 21 Option B) may be preferred
for dc-measurement applications. Due to its dy-
namic (switched-capacitor) input the input imped-
ance of the +VREF pin of the CS5321 will change
any time MCLK or HBR is changed. Therefore the
current required from the voltage reference will
change any time MCLK or HBR is changed. This
can affect gain accuracy due to the high source im-
pedance of the filter resistor in Figure 20 and Fig-
ure 21 Option A. If gain error is to be minimized,
especially when MCLK or HBR is changed, the
voltage reference should have lower output imped-
ance. The buffer of Figure 21 Option B offers lower
output impedance and will exhibit better system
gain stability.
2.5 Clock Source
For proper operation, the CS5321 must be provided
with a CMOS-compatible clock on the MCLK pin.
The MCLK for the CS5321 is usually provided by
the CS5322 filter. MCLK is usually 1.024 MHz to
set the seven selectable output word rates from the
CS5322. The MCLK frequency can be as low as
250 kHz and as high as 1.2 MHz. The choice of
clock frequency can affect performance; see the
Performance section of the data sheet. The clock
0.1
µF
+9 to
15 V
10
Ω
LT1 0 1 9 -4 .5
20 0
Ω
+
-
49 .9
Ω
1k
Ω
10 0
Ω
1k
Ω
10 k
Ω
10 0
µF
AL
10 0
µF
AL
+9 to 1 5 V
0.1
µF
+
+
68
µF
T ant
+
0.1
µF
68
µF
+
To V R E F +
To V R E F +
LT 1007
Option A
Option B
Figure 21. 4.5 Voltage Reference with two filter options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com