Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5321 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5321 Datasheet HTML 14Page - Cirrus Logic CS5321 Datasheet HTML 15Page - Cirrus Logic CS5321 Datasheet HTML 16Page - Cirrus Logic CS5321 Datasheet HTML 17Page - Cirrus Logic CS5321 Datasheet HTML 18Page - Cirrus Logic CS5321 Datasheet HTML 19Page - Cirrus Logic CS5321 Datasheet HTML 20Page - Cirrus Logic CS5321 Datasheet HTML 21Page - Cirrus Logic CS5321 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS5321/22
18
DS454F2
2.1 Analog Input
The CS5321 modulator uses a switched capacitor
architecture for its signal and voltage reference in-
puts. The signal input uses three pins; AINR, AIN+,
and AIN-. The AIN- pin acts as the return pin for
the AINR and AIN+ pins. The AINR pin is a
switched capacitor "rough charge" input for the
AIN+ pin. The input impedance for the rough
charge pin (AINR) is 1/fC where f is two times the
modulator sampling clock rate and C is the internal
sampling capacitor (about 40 pF). Using a 1.024
MHz master clock (HBR = 1) yields an input im-
pedance of about 1/(512 kHz)X(40 pF) or about 50
k
Ω. Internal to the chip the rough charge input pre-
charges the sampling capacitor used on the AIN+
input, therefore the effective input impedance on
the AIN+ pin is orders of magnitude above the im-
pedance seen on the AINR pin.
The analog input structure inside the VREF+ pin is
very similar to the AINR pin but includes addition-
al circuitry whose operating current can change
over temperature and from device to device. There-
fore, if gain accuracy is important, the VREF+ pin
should be driven from a low source impedance.
The current demand of the VREF+ pin will produce
a voltage drop of approximately 45 mV across the
200
Ω source resistor of Figure 20 and Figure 21
Option A with MCLK = 1.024 MHz, HBR = 1, and
temperature = 25
°C.
When the CS5321 modulator is operated with a 4.5
V reference it will accept a 9 V p-p input signal, but
modulator loop stability can be adversely affected
by high frequency out-of-band signals. Therefore,
input signals must be band-limited by an input fil-
ter. The -3 dB corner of the input filter must be
equal to the modulator sampling clock divided by
64. The modulator sampling clock is MCLK/4
when HBR = 1 or MCLK/8 when HBR = 0. With
MCLK = 1.024 MHz, HBR = 1, the modulator
sampling clock is 256 kHz which requires an input
filter with a -3 dB corner of 4 kHz. The bandlimit-
ing may be accomplished in an amplifier stage
ahead of the CS5321 modulator or with the RC in-
put filter at the AIN+ and AINR input pins. The RC
filter at the AIN+ and AINR pins is recommended
to reduce the "charge kick" that the driving ampli-
fier sees as the switched capacitor sampling is per-
formed.
Figure 20 illustrates the CS5321 and CS5322 sys-
tem connections. The input components on AINR
and AIN+ should be identical values for optimum
performance. In choosing the components the ca-
pacitor should be a minimum of 0.1
µF (C0G di-
electric ceramic preferred). For minimum board
space, the RC components on the AINR input can
be removed, but this will force the driving amplifi-
er to source the full dynamic charging current of
the AINR input. This can increase distortion in the
driving amplifier and reduce system performance.
In choosing the RC filter components, increasing C
and minimizing R is preferred. Increasing C reduc-
es the instantaneous voltage change on the pin, but
may require paralleling capacitors to maintain
smaller size (the recommended 0.1
µF C0G ceram-
ic capacitor is larger than other similar-valued ca-
pacitors with different dielectrics). Larger resistor
values will increase the voltage drop across the re-
sistor as the recharging current charges the
switched capacitor input.
2.2 The OFST Pin
The CS5321 modulator can produce "idle tones"
which occur in the passband when the input signal
is steady state dc signal within about
±50 mV of bipolar zero. In the CS5321 these tones
are about 135 dB down from full scale. The user
can force these idle tones "out-of-band" by adding
100 mV of dc offset to the signal at the AIN input.
Alternately, if the user circuitry has a low offset
voltage such that the input signal is within
±50 mV
of bipolar zero when no AC signal is present, the
OFST pin on the CS5321 can be activated. When
OFST = 1, +100 mV of input referred offset will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com