Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61581 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 9Page - Cirrus Logic CS61581 Datasheet HTML 10Page - Cirrus Logic CS61581 Datasheet HTML 11Page - Cirrus Logic CS61581 Datasheet HTML 12Page - Cirrus Logic CS61581 Datasheet HTML 13Page - Cirrus Logic CS61581 Datasheet HTML 14Page - Cirrus Logic CS61581 Datasheet HTML 15Page - Cirrus Logic CS61581 Datasheet HTML 16Page - Cirrus Logic CS61581 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CS61581
DS211PP8
13
2.4.1
Receiver
The receiver extracts data and clock from the input
signal and outputs clock and synchronized data.
The RTIP and RRING inputs are biased to an inter-
mediate DC level so that the input is received as a
differential signal. The incoming pulses are ampli-
fied, equalized and filtered before being fed to the
comparator for peak detection, slicing and data re-
covery. A noise and cross-talk filter removes signal
components that are coupled onto the line from oth-
er cables. T1 or E1 operation is determined by the
transmit pulse shape selection, LEN[2:0].
The clock and data recovery circuit exceeds the jit-
ter tolerance specifications of Publications 43802,
43801, AT&T 62411, TR-TSY-000170, ITU-T
G.823 and ETSI TBR12/13. Jitter tolerance is
shown in Figure 8.
In Hardware mode, the receiver is configured for
Long Haul operation. In Host mode Short Haul op-
eration can be selected by setting the SH/LH
(CR2.0) to 1. When configured for short haul, the
functions of registers 0x10 and 0x11 are redefined.
2.4.2
Short Haul
Receiver sensitivity is set to comply with ITU-T
I.431 requirements for E1 and T1. The comparator
thresholds are dynamically established at 50% per-
cent of the peak level. This is acceptable for both
T1 and E1 cases as pulse undershoot and overshoot
are filtered internally.
2.4.3
Long Haul
Configuring the receiver for long haul operation in-
creases the receive sensitivity. To select long haul
mode, the SH/LH (CR2.0) bit must be set to 0; for
E1 long haul mode, the E1_LH bit (CR3.6) must be
set to 1.
2.4.4
Clock Recovery
The clock recovery circuit is a third-order phase
lock loop. The clock and data recovery circuit is
tolerant of long strings of consecutive zeros, and
will successfully receive a 1-in-175, jitter-free in-
put signal.
In Hardware mode, data on RPOS and RNEG
(RDATA), is stable on the rising edge of recovered
clock, RCLK. In host mode, CLKE (pin 28) deter-
mines the clock polarity for which output data is
valid, as shown in Table 2. When CLKE is high,
RPOS and RNEG (RDATA) are valid on the fall-
ing edge of RCLK. When CLKE is low, RPOS and
RNEG are valid on the rising edge of RCLK.
Table 2. Data Output/Clock Relationship
10
1k
10k
1
100
100k
700
.1
1
10
100
.4
28
300
300
PEAK-TO-PEAK
JITTER
(unit intervals)
JITTER FREQUENCY
(Hz)
Performance
138
Minimum
AT&T 62411
G. 823
Figure 8. Minimum Input Jitter Tolerance of Receiver
MODE
(pin 5)
CLKE
(pin 28)
DATA CLOCK
Clock Edge for
Valid Data
LOW
Don’t
Care
RPOS
RNEG
RCLK
Rising
HIGH
LOW
RPOS
RNEG
SDO
RCLK
RCLK
SCLK
Rising
Rising
Falling
HIGH
HIGH
RPOS
RNEG
SDO
RCLK
RCLK
SCLK
Falling
Falling
Rising
CS61581
DS211F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com