Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61581 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 29Page - Cirrus Logic CS61581 Datasheet HTML 30Page - Cirrus Logic CS61581 Datasheet HTML 31Page - Cirrus Logic CS61581 Datasheet HTML 32Page - Cirrus Logic CS61581 Datasheet HTML 33Page - Cirrus Logic CS61581 Datasheet HTML 34Page - Cirrus Logic CS61581 Datasheet HTML 35Page - Cirrus Logic CS61581 Datasheet HTML 36Page - Cirrus Logic CS61581 Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
CS61581
DS211PP8
33
LLOOP - Local Loopback Input, Pin 27 (Hardware Mode).
Setting LLOOP to a logic 1 internally routes the transmitter input to the receiver output. If TAOS is low,
the signal being output from the transmitter will be internally routed to the receiver inputs allowing nearly
the entire chip to be tested. If TAOS and LLOOP are set high at the same time, the local loopback will
occur at the jitter attenuator (excluding the transmit and receive circuitry) and the transmitter will
transmit all ones. Simultaneously setting RLOOP and LLOOP high while TAOS is low resets the
CS61581. Simultaneously setting RLOOP, LLOOP and TAOS high enables Network Loopback detection.
RLOOP - Remote Loopback Input, Pin 26 (Hardware Mode).
Setting RLOOP to a logic 1 causes the received signal to be passed through the jitter attenuator (if
active) and retransmitted onto the line. The internal encoders/decoders will be bypassed in Remote
Loopback. Simultaneously setting RLOOP and LLOOP high while TAOS is low resets the CS61581.
Simultaneously setting RLOOP, LLOOP and TAOS high enables Network Loopback detection.
LBO1, LBO2 - Line Build Out 1 and 2, Pins 24 and 25 (Hardware Mode).
Transmitted line build out pulse shapes are selected by setting LBO[2:1] = 00 (0 dB), 01 (-7.5 dB), 10 (-
15 dB), or 11 (-22.5 dB).
JASEL - Jitter Attenuator Select, Pin 11.
If the jitter attenuator is enabled (crystal oscillator active, or XTALIN tied low or floated with MCLK
provided), setting JASEL high places the jitter attenuator in the receive path; setting JASEL low places
the jitter attenuator in the transmit path.
NC - No Connect, Pin 17.
The input voltage to this pin does not effect normal operation.
6.4
Status
LOS - Loss Of Signal Output, Pin 12.
LOS goes high when 175 consecutive zeros are received. LOS returns low when the ones density
reaches 12.5% (based on 175 consecutive bit periods, starting with a one and containing less than 100
consecutive zeros, as prescribed in ANSI T1.231-1993 and ITU-T G.775). If LOS is true, and the jitter
attenuator is in the receive path, RCLK will smoothly transition to MCLK if provided; RCLK will retain the
frequency prior to LOS if MCLK is grounded. If the jitter attenuator is NOT in the receive path, RCLK will
become the reference clock frequency (MCLK) if provided, or the crystal oscillator.
NLOOP - Network Loopback Output, Pin 23 (Hardware Mode).
NLOOP goes high when a 00001 pattern is received for five seconds putting the CS61581 into network
(remote) loopback. NLOOP is deactivated upon receipt of a 001 pattern for five seconds, or by selection
of LLOOP or RLOOP.
LATN - Line Attenuation Indication Output, Pin 18.
LATN is an encoded output that indicates the receive equalizer gain setting in relation to a five RCLK
cycle period. If LATN is high for one RCLK cycle, the equalizer is set for 7.5 dB gain, two cycles =
15 dB gain, three cycles = 22.5 dB gain, four cycles = 0 dB. LATN may be sampled on the rising edge
of RCLK.
6.5
Serial Control Interface
INT - Interrupt Output, Pin 23 (Host Mode).
INT pulls low to flag the host processor when NLOOP, AIS or LOS changes state. INT is an open drain
output and should be tied to the supply through a resistor.
CS61581
DS211F1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com