Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61581 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 28Page - Cirrus Logic CS61581 Datasheet HTML 29Page - Cirrus Logic CS61581 Datasheet HTML 30Page - Cirrus Logic CS61581 Datasheet HTML 31Page - Cirrus Logic CS61581 Datasheet HTML 32Page - Cirrus Logic CS61581 Datasheet HTML 33Page - Cirrus Logic CS61581 Datasheet HTML 34Page - Cirrus Logic CS61581 Datasheet HTML 35Page - Cirrus Logic CS61581 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
CS61581
32
DS211PP8
6.1
Power Supplies
TV+ - Power Supply, Transmit Driver, Pin 15.
Power supply for the transmit driver; typically +5 Volts.
TGND - Ground Transmit Driver, Pin 14.
Power supply ground for the transmit driver; typically 0 Volts.
RV+ - Power Supply, Pin 21.
Power supply for all subcircuits except the transmit driver; typically +5 Volts.
RGND - Ground, Pin 22.
Power supply ground for all subcircuits except the transmit driver; typically 0 Volts.
6.2
Oscillator
XTALIN, XTALOUT - Crystal Connections, Pins 9 and 10.
A 6.176 MHz (or 8.192 MHz) crystal can be connected across these pins. This oscillator provides the
reference frequency for the LIU if MCLK is not provided. The load capacitance presented to the crystal
by these pins should be approximately 19 pF (IC and package, when soldered into a circuit board). The
jitter attenuator may be disabled by tying XTALIN to RV+ through a 1 k
. resistor, and floating
XTALOUT. When XTALIN has no clock input, a clock must be supplied to the MCLK pin. Alternatively an
external 6.176 MHz (8.192 MHz) clock can be driven into XTALIN, and the jitter attenuator circuit will
operate.
If MCLK is provided, and XTALIN is tied low or floated, the jitter attenuator will be enabled.
6.3
Control
MCLK - Master Clock Input, Pin 1.
Either MCLK or the crystal oscillator provide the master frequency reference for the CS61581. If both
MCLK and the crystal oscillator are present, the oscillator is ignored. MCLK should be 1.544 MHz for T1
and 2.048 MHz) for E1. In a Loss of Signal state, RCLK will be derived from MCLK, through the jitter
attenuator, if active. If MCLK is not provided, the jitter attenuator will hold the RCLK frequency in a Loss
of Signal state. MCLK should be grounded if it is not used.
MODE - Mode Select Input, Pin 5.
Setting the MODE pin high puts the CS61581 into Host Mode where the device is controlled by a
microprocessor, via a serial port. Setting the MODE pin low, configures the part for hardware mode
control where various control and status are provided on dedicated pins. The MODE pin is internally
pulled down placing the part in Hardware Mode when this pin is left floating. Tying the MODE pin to
RCLK places the chip in Hardware Mode and enables the B8ZS encoder/decoder (provided that
unipolar mode has been enabled; see the description for TNEG/UBS pin).
TAOS - Transmit All Ones Select Input, Pin 28 (Hardware Mode).
Setting TAOS to logic 1 causes continuous ones to be transmitted at the TCLK frequency. When TAOS
is high, TPOS and TNEG (TDATA) are not output at the TTIP/TRING pins. TAOS is overridden by
Remote Loopback. Setting TAOS, LLOOP, and RLOOP high simultaneously enables Network Loopback
detection.
CS61581
32
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com