Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61581 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 17Page - Cirrus Logic CS61581 Datasheet HTML 18Page - Cirrus Logic CS61581 Datasheet HTML 19Page - Cirrus Logic CS61581 Datasheet HTML 20Page - Cirrus Logic CS61581 Datasheet HTML 21Page - Cirrus Logic CS61581 Datasheet HTML 22Page - Cirrus Logic CS61581 Datasheet HTML 23Page - Cirrus Logic CS61581 Datasheet HTML 24Page - Cirrus Logic CS61581 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CS61581
DS211PP8
21
2.16
Control Register 2 SH: Address 0x11
AIS
Alarm Indication Signal.
AIS = 1 when an all ones pattern is present at the receiver. This bit is reset to “0” by the first
read occurring after the AIS condition has cleared.
An interrupt will occur when AIS is present unless a “1” is written to AIS disabling the interrupt.
RAMPLSE
When RAMPLSE = 1, output pulse shapes are determined by the codes in the internal RAM.
MATCHZ
Matched Impedance Drive
When MATCHZ = 1 the output impedance is automatically set to match the impedance of a
standard T1 or E1 line.
A 1:1.5 transformer should be used when MATCHZ = 1, and a 1:2 transformer should be used
when MATCHZ = 0. (See Figures 15 and 16.)
RSVD
Reserved. Set to “0” for normal operation.
RCODER
Receive Decoder Enable
In Short Haul mode, when TNEG is held high, setting RCODER to “1” causes the received data
to be B8ZS/HDB3 decoded (depends on T1 or E1 pulse shape selection). When RCODER is
set to “0” the decoders are set for AMI only. This bit has precedence over the external pin.
TCODER
Transmit Encoder Enable
In Short Haul mode, when TNEG is held high, when TCODER = 1 the transmitter B8ZS/HDB3
encoders are enabled (depends on T1 or E1 pulse shape selection). When TCODER is set to
“0” the decoders are set for AMI only. This bit has precedence over the external pin.
TxHIZ
Transmitter High Impedance
When TxHIZ = 1 the transmitter goes to a low-power, high-impedance state
SH/LH
Short Haul / Long Haul Select
When SH/LH = 0, the CS61581 is in the Long Haul mode.
When SH/LH = 1, the CS61581 is in the Short Haul mode.
SH/LH controls the functions of the bits of Control Register 1 (address 0x10), and Control Reg-
ister 2 (address 0x11).
2.17
Equalizer Gain (EQGAIN): Address 0x12
EQ[4:0]
The receive equalizer gain settings are broken down into 20 segments and provided at the five
LSBs of this register, EQ4 - EQ0. 00001 corresponds to -2 dB, 10100 corresponds to -40 dB.
The three MSBs are don’t cares.
2.18
RAM Address (RAM): Address 0x13
RAM[7:0]
The RAM address pointer for the arbitrary waveform memory;
a special write procedure must be followed to write the waveform RAM.
7 (MSB)
6
5
4
3
2
1
0 (LSB)
AIS
RAMPLSE
MATCHZ
RSVD
RCODER
TCODER
TxHIZ
SH/LH
7 (MSB)
65
4321
0 (LSB)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
7 (MSB)
65
4321
0 (LSB)
RAM.7
RAM.6
RAM.5
RAM.4
RAM.3
RAM.2
RAM.1
RAM.0
CS61581
DS211F1
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com