Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9302 Datasheet(PDF) 11 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 7Page - Cirrus Logic EP9302 Datasheet HTML 8Page - Cirrus Logic EP9302 Datasheet HTML 9Page - Cirrus Logic EP9302 Datasheet HTML 10Page - Cirrus Logic EP9302 Datasheet HTML 11Page - Cirrus Logic EP9302 Datasheet HTML 12Page - Cirrus Logic EP9302 Datasheet HTML 13Page - Cirrus Logic EP9302 Datasheet HTML 14Page - Cirrus Logic EP9302 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DS653PP3
©Copyright 2005 Cirrus Logic (All Rights Reserved)
11
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Electrical Specifications
Absolute Maximum Ratings
Note:
1. Includes all power generated by AC and/or DC output loading.
2. The power supply pins are at maximum values listed in “Recommended Operating Conditions”, below.
3. At ambient temperatures above 70° C, total power dissipation must be limited to less than 2.5 Watts.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Recommended Operating Conditions
(All grounds = 0 V, all voltages with respect to 0 V)
Parameter
Symbol
Min
Max
Unit
Power Supplies
RVDD
CVDD
VDD_PLL
VDD_ADC
-
-
-
-
3.96
2.16
2.16
3.96
V
V
V
V
Total Power Dissipation
(Note 1)
-
2
W
Input Current per Pin, DC (Except supply pins)
-
±10
mA
Output current per pin, DC
-±50
mA
Digital Input voltage
(Note 2)
-0.3
RVDD+0.3
V
Storage temperature
-40
+125
°C
(All grounds = 0 V, all voltages with respect to 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
RVDD
CVDD
VDD_PLL
VDD_ADC
3.0
1.65
1.65
3.0
3.3
1.80
1.80
3.3
3.6
1.94
1.94
3.6
V
V
V
V
Operating Ambient Temperature - Commercial
TA
0+25
+70
°C
Operating Ambient Temperature - Industrial
TA
-40
+25
+85
°C
Processor Clock Speed - Commercial
FCLK
-
-
200
MHz
Processor Clock Speed - Industrial
FCLK
-
-
184
MHz
System Clock Speed - Commercial
HCLK
-
-
100
MHz
System Clock Speed - Industrial
HCLK
-
-
92
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com