Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9302 Datasheet(PDF) 13 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 9Page - Cirrus Logic EP9302 Datasheet HTML 10Page - Cirrus Logic EP9302 Datasheet HTML 11Page - Cirrus Logic EP9302 Datasheet HTML 12Page - Cirrus Logic EP9302 Datasheet HTML 13Page - Cirrus Logic EP9302 Datasheet HTML 14Page - Cirrus Logic EP9302 Datasheet HTML 15Page - Cirrus Logic EP9302 Datasheet HTML 16Page - Cirrus Logic EP9302 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DS653PP3
©Copyright 2005 Cirrus Logic (All Rights Reserved)
13
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Timings
Timing Diagram Conventions
This data sheet contains one or more timing diagrams. The following key explains the components used in these
diagrams. Any variations are clearly labelled when they occur. Therefore, no additional meaning should be attached
unless specifically stated.
Figure 1. Timing Diagram Drawing Key
Timing Conditions
Unless specified otherwise, the following conditions are true for all timing measurements.
•TA = 0 to 70° C
• CVDD = VDD_PLL = 1.8V
•RVDD = 3.3 V
• All grounds = 0 V
• Logic 0 = 0 V, Logic 1 = 3.3 V
• Output loading = 50 pF
• Timing reference levels = 1.5 V
• The Processor Bus Clock (HCLK) is programmable and is set by the user. The frequency is typically between
33 MHz and 100 MHz (92 MHz for industrial conditions).
Clock
High to Low
High/Low to High
Bus Change
Bus Valid
Undefined/Invalid
Valid Bus to Tristate
Bus/Signal Omission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com