Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9302 Datasheet(PDF) 21 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 17Page - Cirrus Logic EP9302 Datasheet HTML 18Page - Cirrus Logic EP9302 Datasheet HTML 19Page - Cirrus Logic EP9302 Datasheet HTML 20Page - Cirrus Logic EP9302 Datasheet HTML 21Page - Cirrus Logic EP9302 Datasheet HTML 22Page - Cirrus Logic EP9302 Datasheet HTML 23Page - Cirrus Logic EP9302 Datasheet HTML 24Page - Cirrus Logic EP9302 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DS653PP3
©Copyright 2005 Cirrus Logic (All Rights Reserved)
21
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Static Memory 32-bit Write on 16-bit External Bus
Parameter
Symbol
Min
Typ
Max
Unit
AD setup to WRn assert time
tADs
tHCLK – 3
-
-ns
WRn/DQMn deassert to AD transition time
tADd
-
-tHCLK + 6
ns
AD hold from WRn deassert time
tADh
tHCLK × 2
-
-ns
CSn hold from WRn deassert time
tCSh
7
-
-ns
CSn to WRn assert delay time
tWRd
--
2
ns
WRn assert time
tWRpwL
-
tHCLK × (WST1 + 1)
-ns
WRn deassert time
tWRpwH
--
(tHCLK × 2) + 14
ns
CSn to DQMn assert delay time
tDQMd
--
1
ns
DQMn assert time
tDQMpwL
-
tHCLK × (WST1 + 1)
-ns
DQMn deassert time
tDQMpwH
--
(tHCLK × 2) + 7
ns
WRn / DQMn deassert to DA transition time
tDAh1
tHCLK
-
-ns
WRn / DQMn assert to DA valid time
tDAV
--
8ns
Figure 9. Static Memory Multiple Word Write 16-bit Cycle Timing Measurement
CSn
WRn
RDn
DQMn
AD
DA
t
ADs
t
WRd
t
WRpwL
t
DAh
t
ADd
t
WRpwH
t
DQMd
t
ADh
t
DAh
t
WRpwL
t
DQpwL
t
DQpwH
t
DQpwL
WAIT
t
CSh
t
DAV
t
DAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com