Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9302 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 2 Page - Cirrus Logic

  EP9302 Datasheet HTML 1Page - Cirrus Logic EP9302 Datasheet HTML 2Page - Cirrus Logic EP9302 Datasheet HTML 3Page - Cirrus Logic EP9302 Datasheet HTML 4Page - Cirrus Logic EP9302 Datasheet HTML 5Page - Cirrus Logic EP9302 Datasheet HTML 6Page - Cirrus Logic EP9302 Datasheet HTML 7Page - Cirrus Logic EP9302 Datasheet HTML 8Page - Cirrus Logic EP9302 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS653PP3
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
The EP9302 is an ARM920T-based system-on-a-chip
design with a large peripheral set targeted to a variety of
applications:
•
Industrial controls
•
Digital media servers
•
Integrated home media gateways
•
Digital audio jukeboxes
•
Streaming audio players
•
Set-top boxes
•
Point-of-sale terminals
•
Thin clients
•
Biometric security systems
•
GPS & fleet management systems
•
Educational toys
•
Industrial computers
•
Industrial hand-held devices
•
Voting machines
•
Medical equipment
The EP9302 is one of a series of ARM920T-based
devices. Other members of the family have different
peripheral
sets,
coprocessors
and
package
configurations.
The ARM920T microprocessor core with separate
16 kbyte, 64-way set-associative instruction and data
caches is augmented by the MaverickCrunch™ co-
processor enabling faster than real-time compression of
audio CDs.
The MaverickKey™ unique hardware programmed IDs
are a solution to the growing concern over secure web
content and commerce. With Internet security playing an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDs such as those assigned for SDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
A high-performance 1/10/100 Mbps Ethernet media
access controller (EMAC) is included along with external
interfaces to SPI, AC’97, and I2S audio. A two-port USB
2.0 Full-speed Host (OHCI) (12 Mbits per second), two
UARTs, and a analog voltage measurement analog-to-
digital converter (ADC) are included as well.
The EP9302 is a high-performance, low-power RISC-
based, single-chip computer built around an ARM920T
microprocessor core with a maximum operating clock
rate of 200 MHz (184 MHz for industrial conditions). The
ARM core operates from a 1.8 V supply, while the I/O
operates at 3.3 V with power usage between 100 mW
and 750 mW (dependent on speed).
OVERVIEW
Table A. Change History
Revision
Date
Changes
PP1
June 2004
Initial Release.
PP2
July 2004
Update AC data.
Add ADC data.
PP3
March 2005
Update electrical specs with most-current characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com