Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4989
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4989 Datasheet HTML 2Page - STMicroelectronics L4989 Datasheet HTML 3Page - STMicroelectronics L4989 Datasheet HTML 4Page - STMicroelectronics L4989 Datasheet HTML 5Page - STMicroelectronics L4989 Datasheet HTML 6Page - STMicroelectronics L4989 Datasheet HTML 7Page - STMicroelectronics L4989 Datasheet HTML 8Page - STMicroelectronics L4989 Datasheet HTML 9Page - STMicroelectronics L4989 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L4989
6/10
The reset circuit monitors the output voltage Vo. If the output voltage stays lower than Vo_th for filter time
trr, then Res goes low. If the output voltage Vo becomes lower than 2.0V (typ) than Res goes immediately
low. The reset low signal is guaranteed for an output voltage Vo greater than 1V.
When the output voltage goes back higher than Vo_th then Res goes high with a delay trd. This delay is
obtained by 512 period of an oscillator. The oscillator period is given by:
trd is given by
trd = 512 x Tosc
where:
Icr = 15
µA is an internally generated charge current,
Idr = 15
µA is an internally generated discharge current,
Vrhth=2.35V and Vrlth=0.65V are two typ thresholds,
Ctr is an external capacitance.
The Reset is always active and not depending on the state of WEn input pin.
Figure 2. Reset Time Diagram
Watchdog
The watchdog input Wi monitors a connected microcontroller. If pulses are missing, the Reset output
Res is set to low. The pulse sequence time can be set within a wide range with the external capacitor Ctw.
The watchdog circuit discharges the capacitor Ctw with the con-stant current Icwd. If the lower threshold
Vwlth is reached, a watchdog reset is generated.
To prevent this reset the microcontroller must generate a positive edge during the discharge of the capac-
itor before the voltage has reached the threshold Vwlth. In order to calculate the minimum time tdis during
which the microcontroller must output the positive edge the fol-lowing equation can be used
(Vwhth-Vwlth) x Ctw = Icwd x tdis
Every Wi positive edge switches the current source from discharging to charging, the same happens when
the lower threshold is reached. When the voltage reaches the upper threshold Vwhth the current switches
from charging to discharging. The result is a saw toothwaveform at the watchdog timer capacitor Ctw.
The Watchdog operation is active only if WEn input pin is set to logic state high.
T
osc
V
rht h
V
rl th
–
() Ctr
⋅
Icr
-------------------------------------------------
V
rht h
V
rl th
–
() Ctr
⋅
Id
-------------------------------------------------
+
=
trr
< trr
trd = 512 Tosc
Tosc
Vrhth
Vrlth
Res
Vcr
Vo
Wi
Vout_th
trr
< trr
trd = 512 Tosc
Tosc
Vrhth
Vrlth
Res
Vcr
Vo
Wi
Vout_th



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com