Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4989
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989 Datasheet(HTML) 2 Page - STMicroelectronics

  L4989 Datasheet HTML 1Page - STMicroelectronics L4989 Datasheet HTML 2Page - STMicroelectronics L4989 Datasheet HTML 3Page - STMicroelectronics L4989 Datasheet HTML 4Page - STMicroelectronics L4989 Datasheet HTML 5Page - STMicroelectronics L4989 Datasheet HTML 6Page - STMicroelectronics L4989 Datasheet HTML 7Page - STMicroelectronics L4989 Datasheet HTML 8Page - STMicroelectronics L4989 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L4989
2/10
PIN DESCRIPTION
PIN CONNECTIONS
N. (SO8)
N. (SO20)
NAME
FUNCTION
1
1
WEn
Watchdog enable input.
If high it activates the watchdog operation.
2
4
gnd
Ground reference
5,6,15,16
gnd
Ground
Connected these pins to a heat spreader ground
3
7
Res
Reset output.
It is pulled down when output voltage goes below Vo_th or
frequency at Wi is too low.
4
10
Vcr
Reset timing adjust.
A capacitor between Vcr pin and gnd, sets the reset delay time
(trd)
5
11
Vcw
Watchdog timer adjust
A capacitor between Vcw pin and gnd, sets the time response of
the watchdog monitor.
6
14
Wi
Watchdog input.
If the frequency at this input pin is too low, the Reset output is
activated.
7
17
Vo
Voltage regulator output
Block to ground with a capacitor >100nF (needed for regulator
stability)
8
20
Vs
Supply voltage
Block to ground directly at IC pin with a ceramic capacitor
2,3,8,9,12,
13,18,19
N. C.
not connected
VEN
GND
RES
VCR
VCW
WI
VO
VS
1
3
2
4
6
5
7
8
D04AT515
VEN
N.C.
N.C.
GND
GND
RES
GND
N.C.
N.C.
N.C.
N.C.
WI
GND
GND
VO
N.C.
N.C.
VS
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
VCR
WCW
D04AT516
SO8
SO20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com