Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4989
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989 Datasheet(HTML) 1 Page - STMicroelectronics

  L4989 Datasheet HTML 1Page - STMicroelectronics L4989 Datasheet HTML 2Page - STMicroelectronics L4989 Datasheet HTML 3Page - STMicroelectronics L4989 Datasheet HTML 4Page - STMicroelectronics L4989 Datasheet HTML 5Page - STMicroelectronics L4989 Datasheet HTML 6Page - STMicroelectronics L4989 Datasheet HTML 7Page - STMicroelectronics L4989 Datasheet HTML 8Page - STMicroelectronics L4989 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L4989
March 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
■ OPERATING DC SUPPLY VOLTAGE RANGE
5.6V TO 31V
■ VERY LOW QUIESCENT CURRENT WITH
WATCHDOG DISABLED
■ PRECISION OUTPUT VOLTAGE (3%)
■ LOW-DROP VOLTAGE
(180mV typ at Io = 150mA)
■ RESET CIRCUIT SENSING THE OUTPUT
VOLTAGE DOWN TO 1V
■ PROGRAMMABLE RESET DELAY WITH
EXTERNAL CAPACITOR
■ WATCHDOG DISABLE INPUT
■ PROGRAMMABLE WATCHDOG TIMER WITH
EXTERNAL CAPACITOR
■ THERMAL SHUTDOWN AND SHORT
CIRCUIT PROTECTION
■ WIDE TEMPERATURE RANGE (Tj = -40°C TO
150°C)
ORDERING NUMBERS: L4989D (SO8)
L4989 (SO20)
SO20
SO8
PRODUCT PREVIEW
LOW POWER VOLTAGE REGULATOR
BLOCK DIAGRAMt
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
WE
gnd
Vo
Co
Voltage
Reference
Reset
Start up
100mV
+
_
1.25V
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
WE
gnd
Vo
Co
Voltage
Reference
Reset
Start up
100mV
+
_
1.25V


Similar Part No. - L4989

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4989 STMICROELECTRONICS-L4989 Datasheet
370Kb / 19P
Low power voltage regulator
18-Nov-2008
L4989D STMICROELECTRONICS-L4989D Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4989D STMICROELECTRONICS-L4989D Datasheet
623Kb / 19P
Automotive low power voltage regulator
01-Oct-2018
L4989D013TR STMICROELECTRONICS-L4989D013TR Datasheet
623Kb / 19P
Automotive low power voltage regulator
01-Oct-2018
L4989MD STMICROELECTRONICS-L4989MD Datasheet
370Kb / 19P
Low power voltage regulator
18-Nov-2008
More results

Similar Description - L4989

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
logo
STMicroelectronics
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
L4989MD STMICROELECTRONICS-L4989MD Datasheet
370Kb / 19P
Low power voltage regulator
18-Nov-2008
logo
Sharp Corporation
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_18 Datasheet
193Kb / 22P
Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com