Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4989
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989 Datasheet(HTML) 4 Page - STMicroelectronics

  L4989 Datasheet HTML 1Page - STMicroelectronics L4989 Datasheet HTML 2Page - STMicroelectronics L4989 Datasheet HTML 3Page - STMicroelectronics L4989 Datasheet HTML 4Page - STMicroelectronics L4989 Datasheet HTML 5Page - STMicroelectronics L4989 Datasheet HTML 6Page - STMicroelectronics L4989 Datasheet HTML 7Page - STMicroelectronics L4989 Datasheet HTML 8Page - STMicroelectronics L4989 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L4989
4/10
Note: 1. see fig1 (behavior of output current versus regulated voltage Vo)
RESET
2. When Vo becomes lower than 4V, the reset reaction time decreases down to 2 s assuring a faster reset condition in this particular
case.
Vs, Vo
Iqs_10
Current consumption
with watchdog not active
Iqs_10 = IVs – Io
Vs=13.5V,
Io=10mA,
WEn low
127
300
µA
Vs, Vo
Iqs_50
Current consumption
with watchdog not active
Iqs_50 = IVs – Io
Vs=13.5V, Io=50mA,
WEn low
498
900
µA
Vs, Vo
Iqs_150
Current consumption
with watchdog not active
Iqs_150 = IVs – Io
Vs=13.5V, Io=150mA,
WEn low
1.40
2
mA
Vs, Vo
Iqn_1
Current consumption
with watchdog active
Iqn_1 = IVs – Io
Vs=13.5V, Io<1mA,
WEn high
110
170
µA
Vs, Vo
Iqn_10
Current consumption
with watchdog active
Iqn_10 = IVs – Io
Vs=13.5V,
Io=10mA,
WEn high
168
350
µA
Vs, Vo
Iqn_50
Current consumption
with watchdog active
Iqn_50 = IVs – Io
Vs=13.5V,
Io=50mA,
WEn high
538
1000
µA
Vs, Vo
Iqn_150
Current consumption
with watchdog active
Iqn_150 = IVs – Io
Vs=13.5V,
Io=150mA,
WEn high
1.45
2.00
mA
Tw
Thermal protection temperature
150
190
°C
Tw_hy
Thermal protection temperature
hysteresis
10
°C
Pin
Symbol
Parameter
Test condition
min
typ
max
Unit
Res
Vres_l
Reset output low voltage
Rext = 5k
Ω to Vo,
Vo > 1V
0.4
V
Res
IRes_lkg
Reset output high leakage
current
VRes = 5V
1
µA
Res
RRes
Internal Pull up resistance
versus Vo
10
20
40
k
Res
Vo_th
Reset threshold voltage
Vs = 5.6 to 31V Io = 1 to
150mA
6%
8%
10%
below
Vo_ref
Vcr
Vrhth
Reset timing low threshold
Vs =13.5V
10%
13%
16%
Vo_ref
Vcr
Vrlth
Reset timing high threshold
Vs =13.5V
44%
47%
50%
Vo_ref
Vcr
Icr
Charge current
Vs =13.5V
8
15
30
µA
Vcr
Idr
Discharge current
Vs =13.5V
8
15
30
µA
Res
trr_2
Reset reaction time (2)
Vo = Vo_th - 100mV
100
250
700
µs
Res
trd
Reset delay time
Vs =13.5V, Ctr =1nF
65
115
165
ms
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com