Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4351NETR Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX4351NETR
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NETR Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX4351NETR Datasheet HTML 2Page - IXYS Corporation IX4351NETR Datasheet HTML 3Page - IXYS Corporation IX4351NETR Datasheet HTML 4Page - IXYS Corporation IX4351NETR Datasheet HTML 5Page - IXYS Corporation IX4351NETR Datasheet HTML 6Page - IXYS Corporation IX4351NETR Datasheet HTML 7Page - IXYS Corporation IX4351NETR Datasheet HTML 8Page - IXYS Corporation IX4351NETR Datasheet HTML 9Page - IXYS Corporation IX4351NETR Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R01
IX4351NE
3.5 Mechanical Dimensions
3.5.1 IX4351NE 16-Pin SOIC Package
3.5.2 IX4351NETR Tape & Reel Packaging for 16-Pin SOIC Package
NOTES:
1. All dimensions are MM (IN)
2. Reference JEDEC outline: MS-012 BC Rev F. (Thermal)
3. Dimension does not include mold flash, protrusions,
or gate burrs. Mold flash, protrusions, and gate burrs
shall not exceed 0.15 (0.006) per side.
4. Dimension does not include inter-lead flash, and
protrusions shall not exceed 0.25 (0.010) per side.
DIMENSIONS
mm
(inches)
9.90 BSC
(0.390 BSC)
See Note 3
1.27 TYP
(0.05 TYP)
0.31 - 0.51
(0.012 - 0.020)
3.90 BSC
(0.154 BSC)
See Note 4
1.25 min
(0.049 min)
0.00 - 0.15
(0.000 - 0.006)
1.70 max
(0.067 max)
6.00 ± 0.50 BSC
(0.236 ± 0.020 BSC)
0.20 TYP
(0.008 TYP)
0.80 ± 0.50
(0.031 ± 0.020)
0º - 8º
3.86 - 4.57
(0.152 - 0.180)
1.68 - 2.41
(0.066 - 0.095)
Recommended PCB Pattern
5.50
(0.217)
1.70
(0.059)
0.60
(0.024)
1.27
(0.05)
4.55
(0.179)
2.40
(0.094)
Dimensions
mm
(inches)
NOTES:
1.10 Sprocket hole pitch cumulative tolerance ±0.2
2. Camber in compliance with EIA 481
3. Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
0=2.10 ± 0.1
(0.083 ± 0.004)
0.30 ± 0.05
(0.012 ± 0.002)
R 0.3 max
2.00 ± 0.10 Note 3
(0.079 ± 0.004)
4.00 Note 1
(0.157)
P1=8.00 ± 0.10
(0.315 ± 0.004)
∅ 1.5 +0.1 / -0.0
∅ 1.50 min
R 0.5 typ
A
A
Section A-A
1.75 ± 0.10
(0.069 ± 0.004)
7.5 ± 0.10 Note 3
(0.295 ± 0.004)
A
0=6.50 ± 0.10
(0.256 ± 0.004)
B
0=10.30 ± 0.10
(0.406 ± 0.004)
16.0 ± 0.3
(0.63 ± 0.012)
Direction of feed
For additional information please visit our website at: www.ixysic.com
Disclaimer Notice - Littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitation, automotive, military, aerospace, medical, life-saving,
life-sustaining or nuclear facility applications, Components intended for surgical implant into the body, or any other application in which the failure or lack of desired operation of the product may
result in personal injury, death, or property damage) other than those expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void
for products used for any purpose not expressly set forth in applicable Littelfuse documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in
applications not expressly intended by Littelfuse as set forth in applicable Littelfuse documentation. The sale and use of Littelfuse products is subject to Littelfuse Terms and Conditions of Sale,
unless otherwise agreed by Littelfuse. Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product
selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
Specification: DS-IX4351NE-R01
©Copyright 2019, Littelfuse, Inc.
All rights reserved. Printed in USA.
10/31/2019



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com