Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4351NETR Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX4351NETR
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NETR Datasheet(HTML) 3 Page - IXYS Corporation

  IX4351NETR Datasheet HTML 1Page - IXYS Corporation IX4351NETR Datasheet HTML 2Page - IXYS Corporation IX4351NETR Datasheet HTML 3Page - IXYS Corporation IX4351NETR Datasheet HTML 4Page - IXYS Corporation IX4351NETR Datasheet HTML 5Page - IXYS Corporation IX4351NETR Datasheet HTML 6Page - IXYS Corporation IX4351NETR Datasheet HTML 7Page - IXYS Corporation IX4351NETR Datasheet HTML 8Page - IXYS Corporation IX4351NETR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4351NE
R01
www.ixysic.com
3
1
Specifications
1.1 Package Pinout: 16-Pin SOIC Package
1.2 Pin Description: 16-Pin SOIC Package
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
V
DD
OUTSRC
V
DD
DESAT
FAULT
IN
COM
VREG
OUTSNK
V
SS
OUTSOFT
INSOFT
CAP
GND
V
SS
SET
IX4351
Pin#
Name
Description
1OUTSRC
Gate driver source output
2
VDD
Positive supply voltage for gate driver outputs and logic circuitry
3
VDD
Positive supply voltage for gate driver outputs and logic circuitry
4DESAT
Sense input for the desaturation detection comparator
5FAULT
Open-Drain Fault status output
6IN
Logic input
7COM
Common ground connection
8VREG
4.6V regulator output
9
SET
Negative bias voltage set input
10
VSS
Negative drive voltage supply
11
GND
Charge pump ground connection
12
CAP
Flying charge pump capacitor connection
13
INSOFT
Soft shutdown comparator input
14
OUTSOFT
Soft shutdown sink driver output
15
VSS
Negative drive voltage supply
16
OUTSNK
Gate driver sink output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com