Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4351NETR Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX4351NETR
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NETR Datasheet(HTML) 5 Page - IXYS Corporation

  IX4351NETR Datasheet HTML 1Page - IXYS Corporation IX4351NETR Datasheet HTML 2Page - IXYS Corporation IX4351NETR Datasheet HTML 3Page - IXYS Corporation IX4351NETR Datasheet HTML 4Page - IXYS Corporation IX4351NETR Datasheet HTML 5Page - IXYS Corporation IX4351NETR Datasheet HTML 6Page - IXYS Corporation IX4351NETR Datasheet HTML 7Page - IXYS Corporation IX4351NETR Datasheet HTML 8Page - IXYS Corporation IX4351NETR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4351NE
R01
www.ixysic.com
5
1.5.3 Charge Pump Section
1.5.4 Desaturation Section
1.5.5 Thermal Shutdown Section
1.5.6 Logic Input Section
1.5.7 FAULT Section
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Negative Bias Rail Voltage Range
-
VSS
-8
-VDD
-3.5
V
Maximum VSS Current
CFLY=66nF, RFLY=33
ISS
--
50
mA
Charge Pump Frequency
-
fOSC
90
124
160
kHz
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
DESAT Source Current
VDESAT=0V
IDESAT
400
570
750
A
DESAT Threshold Voltage
-
VTH,DESAT
66.88
V
Blanking Time
-
tBLANK
-
250
-
ns
DESAT Pull Down Resistance
-
RDESAT
-
900
-
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Thermal Shutdown Temperature
-
TSD
-
160
-
°C
Thermal Shutdown Hysteresis
-
TSDHYS
-20-
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
High Level Input Voltage
-
VINH
2.2
-
-
V
Low Level Input Voltage
-
VINL
--
1
V
Input Hysteresis
-
VINHYS
0.2
0.4
-
V
High Level Input Current
VIN=5v
IINH
--
70
A
Low Level Input Current
VIN=0V
IINL
--
-10
A
Input Pull-Down Resistance
-
RIN
-
100
-
k
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Output Low Voltage
IFAULT=20mA
VFAULTL
--
0.8
V
Output Leakage Current
VFAULT=25V
IFAULT
-0.1
10
A
DESAT Detect to FAULT Delay
-
tFAULTDLY
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com