Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4351NETR Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX4351NETR
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NETR Datasheet(HTML) 4 Page - IXYS Corporation

  IX4351NETR Datasheet HTML 1Page - IXYS Corporation IX4351NETR Datasheet HTML 2Page - IXYS Corporation IX4351NETR Datasheet HTML 3Page - IXYS Corporation IX4351NETR Datasheet HTML 4Page - IXYS Corporation IX4351NETR Datasheet HTML 5Page - IXYS Corporation IX4351NETR Datasheet HTML 6Page - IXYS Corporation IX4351NETR Datasheet HTML 7Page - IXYS Corporation IX4351NETR Datasheet HTML 8Page - IXYS Corporation IX4351NETR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R01
IX4351NE
1.3 Absolute Maximum Ratings (With respect to VCOM unless otherwise specified)
1.4 Recommended Operating Conditions
1.5 Electrical Characteristics
(VDD=20V, VSS=-5V, COM=GND=0V, CDD=CREG=4.7F, CSS=10F, TA=-40°C to +125°C, unless otherwise
specified.)
1.5.1 VDD Section
1.5.2 VREG Section
Parameter
Symbol
Minimum
Maximum
Units
Positive Supply Voltage
VDD
-0.3
32
V
Negative Supply Voltage
VSS
-10
0
V
Supply Voltage Range
VDD - VSS
-0.3
40
V
Gate Drive Output Voltages
VOUTSRC , VOUTSNK , VOUTSOFT
VSS - 0.3
VDD + 0.3
V
Gate Drive Output Current
IOUTSRC , IOUTSNK
-±9
A
Logic Input Voltage
VIN
-0.3
7
V
DESAT Input Voltage
VDESAT
-0.3
VDD + 0.3
V
SET Input Voltage
VSET
VCOM - 1
VCOM + 7
V
FAULT Output Voltage
VFAULT
-0.3
VDD + 0.3
V
VREG Output Voltage
VREG
-0.3
7
V
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-55
+150
°C
Parameter
Symbol
Minimum
Maximum
Units
Positive Supply Voltage
VDD
13
25
V
Negative Supply Voltage
VSS
-10
0
V
Input Voltage
VIN
05.5
V
Operating Ambient Temperature
TA
-40
125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Operating VDD Supply Current
fIN=100kHz, CLOAD=2.2nF
IDD
-19
28
mA
Quiescent VDD Supply Current
No load
IDDQ
-2.9
4.4
mA
VDD UVLO Rising Threshold
-
VDDUV+
10
12
13
V
VDD UVLO Hysteresis
-
VDDHYS
-2-
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Regulator Output Voltage
IVREG=-5mA
VVREG
4.2
4.6
5
V
Line Regulation
15V < VDD < 25V, IVREG=-5mA
 V
REG
-0.1
0.2
V
Load Regulation
IREG=-1mA to -10mA
-0.1
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com