Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 49Page - STMicroelectronics ST92195C Datasheet HTML 50Page - STMicroelectronics ST92195C Datasheet HTML 51Page - STMicroelectronics ST92195C Datasheet HTML 52Page - STMicroelectronics ST92195C Datasheet HTML 53Page - STMicroelectronics ST92195C Datasheet HTML 54Page - STMicroelectronics ST92195C Datasheet HTML 55Page - STMicroelectronics ST92195C Datasheet HTML 56Page - STMicroelectronics ST92195C Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 249 page
background image
53/249
ST92195C/D - INTERRUPTS
EXTERNAL INTERRUPTS (Cont’d)
Figure 26. External Interrupts Control Bits and Vectors
n
n
INT A0
request
VECTOR
Priority level
Mask bit
Pending bit
IMA0
IPA0
V7 V6 V5 V4 0
0
0
0
“0”
“1”
IA0S
Watchdog/Timer
End of count
INT 0 pin
INT A1
request
INT B0
request
INT 2 pin
INT B1
request
INT C0
request
INT 4 pin
INT C1
request
TEC1
INT 5 pin
INT D0
request
TED0
INT 6 pin
INT D1
request
TED1
INT 7 pin
VECTOR
Priority level
Mask bit
Pending bit
IMA1
IPA1
V7 V6 V5 V4 0
0
1
0
1
V7 V6 V5 V4 0
1
00
V7 V6 V5 V4 0
1
1
0
V7 V6 V5 V4 1
0
0
0
V7 V6 V5 V4 1
0
1
0
V7 V6 V5 V4 1
1
0
0
V7 V6 V5 V4 1
1
1
0
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
Mask bit
IMB0
Pending bit IPB0
Pending bit IPB1
Pending bit IPC0
Pending bit IPC1
Pending bit IPD0
Pending bit IPD1
Mask bit IMB1
Mask bit IMC0
Mask bit IMC1
Mask bit IMD0
Mask bit IMD1
*
Shared channels, see warning
*
*
SPEN,BMS
SPI Interrupt
TEA0
TEC0
TEB0
“0,0”
PL2A PL1A
1
PL2C PL1C
0
PL2B PL1B
0
PL2A PL1A
1
PL2B PL1B
0
PL2C PL1C
0
PL2D PL1D
1
PL2D PL1D
“0”
“1”
Std. Timer 0
INTS0
Not connected
I²C
“0”
“1”
CLEAR
ADINT
(SYNC inter)
EOFVBI
“1”
“0”
VBEN
FSTEN
“1”
“0”
FLDST
(SYNC inter)
“1,x”
INTS1
“0”
“1”
Std. Timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com