Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 93Page - STMicroelectronics ST92195C Datasheet HTML 94Page - STMicroelectronics ST92195C Datasheet HTML 95Page - STMicroelectronics ST92195C Datasheet HTML 96Page - STMicroelectronics ST92195C Datasheet HTML 97Page - STMicroelectronics ST92195C Datasheet HTML 98Page - STMicroelectronics ST92195C Datasheet HTML 99Page - STMicroelectronics ST92195C Datasheet HTML 100Page - STMicroelectronics ST92195C Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 249 page
background image
97/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.3 Functional Description
7.4.3.1 Screen Display Area
The screen is divided in 26 rows of basically 40
characters. From row 1 to row 23, it is possible to
display 80 characters per row with the following re-
strictions:
– Serial mode only
– No rounding or fringe
The three special rows, a Header and two Status
rows have specific meanings and behaviour. They
are always displayed the same way (40 charac-
ters) and at the same place. In these rows, size at-
tributes, scrolling and 80-character modes are not
allowed.
All row content, including the Header and Status
rows, is fully user-definable.
Figure 50. Definition of Displayed Areas
Figure 51. Screen Display Area.
40/80 CHARACTERS
26 LINES
(TEXT PAGE)
“FULL SCREEN”
AREA
ROW 0 “HEADER”
ROW 24 “STATUS ROW 0”
ROW 25 “STATUS ROW 1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com