Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 58Page - STMicroelectronics ST92195C Datasheet HTML 59Page - STMicroelectronics ST92195C Datasheet HTML 60Page - STMicroelectronics ST92195C Datasheet HTML 61Page - STMicroelectronics ST92195C Datasheet HTML 62Page - STMicroelectronics ST92195C Datasheet HTML 63Page - STMicroelectronics ST92195C Datasheet HTML 64Page - STMicroelectronics ST92195C Datasheet HTML 65Page - STMicroelectronics ST92195C Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 249 page
background image
62/249
ST92195C/D - RESET AND CLOCK CONTROL UNIT (RCCU)
4.4 CLOCK CONTROL REGISTERS
MODE REGISTER (MODER)
R235 - Read/Write
Register Group: E (System)
Reset Value: 1110 0000 (E0h)
Bits 7:6 = Bits described in Device Architecture
chapter.
Bit 5 = DIV2:
OSCIN Divided by 2.
This bit controls the divide by 2 circuit which oper-
ates on the OSCIN Clock.
0: No division of OSCIN Clock
1: OSCIN clock is internally divided by 2
Bits 4:2 = PRS[2:0]:
Clock Prescaling.
These bits define the prescaler value used to
prescale CPUCLK from INTCLK. When they are
reset, the CPUCLK is not prescaled, and is equal
to INTCLK; in all other cases, the internal clock is
prescaled by the value of these three bits plus one.
Bits 1:0 = Bits described in Device Architecture
chapter.
WAIT CONTROL REGISTER (WCR)
R252 - Read/Write
Register Page: 0
Reset Value: 0111 1111 (7Fh)
Bit 7 = Reserved, read as “0”.
Bit 6 = WDGEN: refer to Timer/Watchdog chapter.
WARNING. Resetting this bit to zero has the effect
of setting the Timer/Watchdog to the Watchdog
mode. Unless this is desired, this must be set to
“1”.
Bits 5:3 = WDM[2:0]:
Data Memory Wait Cycles.
These bits contain the number of INTCLK cycles
to be added automatically to external Data memo-
ry accesses. WDM = 0 gives no additional wait cy-
cles. WDM = 7 provides the maximum 7 INTCLK
cycles (reset condition).
Bits 2:0 = WPM[2:0]:
Program Memory Wait Cy-
cles.
These bits contain the number of INTCLK cycles
to be added automatically to external Program
memory accesses. WPM = 0 gives no additional
wait cycles, WPM = 7 provides the maximum 7
INTCLK cycles (reset condition).
Note: The number of clock cycles added refers to
INTCLK and NOT to CPUCLK.
WARNING. The reset value of the Wait Control
Register gives the maximum number of Wait cy-
cles for external memory. To get optimum per-
formance from the ST9 when used in single-chip
mode (no external memory) the user should write
the WDM2,1,0 and WPM2,1,0 bits to “0”.
70
11
DIV2
PRS2
PRS1
PRS0
00
70
0
WDGEN WDM2 WDM1
WDM0
WPM2 WPM1 WPM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com