Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 88Page - STMicroelectronics ST92195C Datasheet HTML 89Page - STMicroelectronics ST92195C Datasheet HTML 90Page - STMicroelectronics ST92195C Datasheet HTML 91Page - STMicroelectronics ST92195C Datasheet HTML 92Page - STMicroelectronics ST92195C Datasheet HTML 93Page - STMicroelectronics ST92195C Datasheet HTML 94Page - STMicroelectronics ST92195C Datasheet HTML 95Page - STMicroelectronics ST92195C Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 249 page
background image
92/249
ST92195C/D - TELETEXT DISPLAY STORAGE RAM INTERFACE
TDSRAM (Cont’d)
7.3.4.3 Control Registers
RAM BUFFER CONTROL REGISTER (BUFC)
R248 - Read/Write
Register Page: 38
Reset Value: 0000 1000 (08h)
Bits 7:6 = Reserved, keep in reset state.
Bit 5 = PEF:
Parity Error Flag.
This bit is set by hardware, when a parity error has
occurred during the 40 byte transfer (in any write
mode).
PEF has to be reset by software before starting
another MBT.
Bit 4 = BADU:
Buffer Address Down/Up.
This bit is set and cleared by software.
0: Address counter in incrementation mode
1: Address counter in decrementation mode
Bits 3:1 = MOD[2:0]:
Multi-Byte Transfer Mode
Select Bits.
Programming these bits, allows the user to choose
With the chosen coding, MOD2 serves at the
same time as a buffer read/write signal.
The selected mode is memorised when “BUSY” is
set. Any further modification of the 3 bits will only
be taken into account for the next MBT. The reset
value corresponds to a read access of the RAM.
Bit 0 = BUSY:
Multi-Byte Transfer Busy Bit (R/W)
When this bit is set by software, the RAM interface
starts a 40 byte transfer. As long as this “busy flag”
is set, the RAM interface doesn't accept a new
transfer request (buffer is “busy”). BUSY is auto-
matically reset when the transfer has been fin-
ished. The RAM access slots, reserved for the
MBT, are used for direct CPU access when BUSY
is “0”.
70
0
0
PEF BADU MOD2 MOD1 MOD0 BUSY
MOD2
MOD1
MOD0
Selected Mode
0
0
0
Write only
0
0
1
Write with parity reject
0
1
0
Parity cancelled on write
01
1
Write with parity reject &
parity cancelled on write
1
-
-
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com