Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5KP
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5KP Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  5KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
5KP5.0A
5KP5.0CA
5.0
150
6.40
7.00
10
9.2
544.0
5KP6.0A
5KP6.0CA
6.0
100
6.67
7.37
10
10.3
486.0
5KP6.5A
5KP6.5CA
6.5
50
7.22
7.98
10
11.2
448.0
5KP7.0A
5KP7.0CA
7.0
20
7.78
8.60
10
12.0
417.0
5KP7.5A
5KP7.5CA
7.5
10
8.33
9.21
1
12.9
388.0
5KP8.0A
5KP8.0CA
8.0
10
8.89
9.83
1
13.6
367.0
5KP8.5A
5KP8.5CA
8.5
10
9.44
10.40
1
14.4
347.0
5KP9.0A
5KP9.0CA
9.0
10
10.00
11.10
1
15.4
325.0
5KP10A
5KP10CA
10.0
5
11.10
12.30
1
17.0
294.0
5KP11A
5KP11CA
11.0
5
12.20
13.50
1
18.2
275.0
5KP12A
5KP12CA
12.0
2
13.30
14.70
1
19.9
252.0
5KP13A
5KP13CA
13.0
2
14.40
15.90
1
21.5
233.0
5KP14A
5KP14CA
14.0
1
15.60
17.20
1
23.2
216.0
5KP15A
5KP15CA
15.0
1
16.70
18.50
1
24.4
205.0
5KP16A
5KP16CA
16.0
1
17.80
19.70
1
26.0
193.0
5KP17A
5KP17CA
17.0
1
18.90
20.90
1
27.6
181.0
5KP18A
5KP18CA
18.0
1
20.00
22.10
1
29.2
172.0
5KP20A
5KP20CA
20.0
1
22.20
24.50
1
32.4
155.0
5KP22A
5KP22CA
22.0
1
24.40
26.90
1
35.5
141.0
5KP24A
5KP24CA
24.0
1
26.70
29.50
1
38.9
129.0
5KP26A
5KP26CA
26.0
1
28.90
31.90
1
42.1
119.0
5KP28A
5KP28CA
28.0
1
31.10
34.40
1
45.4
110.0
5KP30A
5KP30CA
30.0
1
33.30
36.80
1
48.4
103.0
5KP33A
5KP33CA
33.0
1
36.70
40.60
1
53.3
93.9
5KP36A
5KP36CA
36.0
1
40.00
44.20
1
58.1
86.1
5KP40A
5KP40CA
40.0
1
44.40
49.10
1
64.5
77.6
5KP43A
5KP43CA
43.0
1
47.80
52.80
1
69.4
72.1
5KP45A
5KP45CA
45.0
1
50.00
55.30
1
72.7
68.8
5KP48A
5KP48CA
48.0
1
53.30
58.90
1
77.4
64.7
5KP51A
5KP51CA
51.0
1
56.70
62.70
1
82.4
60.7
Rev :
www.leiditech.com
01.06.2014
2/5
5KP Series 5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com