Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5KP
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5KP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  5KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5KP Series 5000W Transient Voltage Suppressor
DESCRIPTION:
The 5KP series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 5.0 volts to 250 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 JEDEC R-6/P-600 Molded Plastic.
 Repetition rate (duty cycle): 0.01%.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction in R-6/P600 package.
 5000W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
5000
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
8
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +125
℃
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
400
A
Symbol
Rev :
www.leiditech.com
01.06.2014
1/5
 AEC-Q101 qualified.


Similar Part No. - 5KP

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP RECTRON-5KP Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP EIC-5KP Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
5000W Transient Voltage Suppressor
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com