Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5KP
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5KP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  5KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
5KP54A
5KP54CA
54.0
1
60.00
66.30
1
87.1
57.5
5KP58A
5KP58CA
58.0
1
64.40
71.20
1
93.6
53.5
5KP60A
5KP60CA
60.0
1
66.70
73.70
1
96.8
51.7
5KP64A
5KP64CA
64.0
1
71.10
78.60
1
103.0
48.6
5KP70A
5KP70CA
70.0
1
77.80
86.00
1
113.0
44.3
5KP75A
5KP75CA
75.0
1
83.30
92.10
1
121.0
41.4
5KP78A
5KP78CA
78.0
1
86.70
95.80
1
126.0
39.7
5KP85A
5KP85CA
85.0
1
94.40
104.0
1
137.0
36.5
5KP90A
5KP90CA
90.0
1
100.0
111.0
1
146.0
34.3
5KP100A
5KP100CA
100.0
1
100.0
111.0
1
162.0
30.9
5KP110A
5KP110CA
110.0
1
111.0
123.0
1
177.0
28.3
5KP120A
5KP120CA
120.0
1
122.0
135.0
1
193.0
26.0
5KP130A
5KP130CA
130.0
1
133.0
147.0
1
209.0
24.0
5KP150A
5KP150CA
150.0
1
144.0
159.0
1
243.0
20.6
5KP160A
5KP160CA
160.0
1
167.0
185.0
1
259.0
19.3
5KP170A
5KP170CA
170.0
1
178.0
197.0
1
275.0
18.2
5KP180A
5KP180CA
180.0
1
189.0
209.0
1
292.0
17.5
5KP190A
5KP190CA
190.0
1
211.0
233.0
1
310.0
16.5
5KP200A
5KP200CA
200.0
1
224.0
247.0
1
329.2
15.5
5KP210A
5KP210CA
210.0
1
237.0
263.0
1
349.5
14.6
5KP220A
5KP220CA
220.0
1
246.0
272.0
1
371.1
13.7
5KP250A
5KP250CA
250.0
1
277.0
306.0
1
425.0
12.0
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
3/5
5KP Series 5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com